Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23QA Datasheet (PDF) - Nexperia B.V. All rights reserved

BAV23QA Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAV23QA
Download  BAV23QA Download
File Size   216.29 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual common cathode high-voltage switching diode

BAV23QA Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV23QA Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAV23QA
Download  BAV23QA Click to download

File Size   216.29 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual common cathode high-voltage switching diode

BAV23QA Datasheet (HTML) - Nexperia B.V. All rights reserved


BAV23QA Product details

1. General description
Dual common cathode high-voltage switching diode, encapsulated in a leadless ultra small
DFN1010D-3 (SOT1215) Surface-Mounted Device (SMD) plastic package with visible and
soldarable side pads.

2. Features and benefits
• High switching speed: trr ≤ 50 ns
• Low leakage current: IR ≤ 100 nA
• High reverse voltage: VR ≤ 200 V
• Low capacitance: Cd ≤ 2 pF
• Ultra small and leadless SMD plastic package
• Low package height of 0.37 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• AEC-Q101 qualified

3. Applications
• High-speed switching
• General-purpose switching
• Voltage clamping
• Reverse polarity protection




Similar Part No. - BAV23QA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
General purpose double diode
1996 Sep 17
logo
Guangdong Kexin Industr...
BAV23 KEXIN-BAV23 Datasheet
41Kb / 2P
General Purpose Double Diode
logo
SeCoS Halbleitertechnol...
BAV23 SECOS-BAV23 Datasheet
393Kb / 2P
Plastic Encapsulated Schottky Diode
logo
SEMTECH ELECTRONICS LTD...
BAV23 SEMTECH_ELEC-BAV23 Datasheet
180Kb / 2P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
More results


Similar Description - BAV23QA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV23CLT1G ONSEMI-BAV23CLT1G Datasheet
128Kb / 4P
Dual High Voltage Common Cathode Switching Diode
May, 2009 ??Rev. 0
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
584826 ONSEMI-584826 Datasheet
111Kb / 4P
Dual Switching Diode Common Cathode
May, 2013 ??Rev. 8
BAV23CL ONSEMI-BAV23CL Datasheet
104Kb / 4P
Dual High Voltage Common Cathode Switching Diode
September, 2013 ??Rev. 2
BAV23CL ONSEMI-BAV23CL_16 Datasheet
103Kb / 4P
Dual High Voltage Common Cathode Switching Diode
October, 2016 ??Rev. 3
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
logo
Vishay Siliconix
GSD2004C VISHAY-GSD2004C Datasheet
89Kb / 4P
Dual Common Cathode Small Signal High Voltage Switching Diode
17-May-13
logo
ON Semiconductor
BAV23CL ONSEMI-BAV23CL_V01 Datasheet
183Kb / 5P
Switching Diode, Dual, High Voltage, Common Cathode
April, 2020 - Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com