Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVH431N Datasheet (PDF) - Nexperia B.V. All rights reserved

TLVH431N Datasheet PDF - Nexperia B.V. All rights reserved
Part # TLVH431N
Download  TLVH431N Download
File Size   673.17 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Adjustable precision shunt regulators

TLVH431N Datasheet (PDF)

Go To PDF Page Download Datasheet
TLVH431N Datasheet PDF - Nexperia B.V. All rights reserved

Part # TLVH431N
Download  TLVH431N Click to download

File Size   673.17 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Adjustable precision shunt regulators

TLVH431N Datasheet (HTML) - Nexperia B.V. All rights reserved


TLVH431N Product details

1. General description
Three-terminal shunt regulator family with an output voltage range between Vref = 1.24 V and 14 V,
to be set by two external resistors.
Table 1. Product overview
Temperature Reference voltage range (Tamb)
tolerance (Vref)
Package
0 °C to 70 °C -40 °C to 85 °C -40 °C to 125 °C
Pinning
configuration
(see Table 5)
1.5 % TLVH431NCDBZR TLVH431NIDBZR TLVH431NQDBZR normal pinning
TLVH431NMQDBZR mirrored pinning
1.0 % TLVH431NAQDBZR normal pinning
SOT23
TLVH431NACDBZR TLVH431NAIDBZR
TLVH431NAMQDBZR mirrored pinning
2. Features and benefits
• Programmable output voltage up to 14 V
• Two different reference voltage tolerances:
• • Standard grade: 1.5 %
• A-Grade: 1 %
• Low output noise
• Typical output impedance: 0.1 Ω
• Sink current capability: 0.08 mA to 70 mA
• AEC-Q100 qualified (grade 1)
3. Applications
• Shunt regulator
• Precision current limiter
• Precision constant current sink
• Isolated feedback loop for Switch Mode Power Supply (SMPS)




Similar Part No. - TLVH431N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
TLVH431N-Q NEXPERIA-TLVH431N-Q Datasheet
664Kb / 17P
Adjustable precision shunt regulators
Rev. 1-12 July 2023
TLVH431NACDBZR-Q NEXPERIA-TLVH431NACDBZR-Q Datasheet
664Kb / 17P
Adjustable precision shunt regulators
Rev. 1-12 July 2023
TLVH431NAIDBZR-Q NEXPERIA-TLVH431NAIDBZR-Q Datasheet
664Kb / 17P
Adjustable precision shunt regulators
Rev. 1-12 July 2023
TLVH431NAMQDBZR-Q NEXPERIA-TLVH431NAMQDBZR-Q Datasheet
664Kb / 17P
Adjustable precision shunt regulators
Rev. 1-12 July 2023
TLVH431NAQDBZR-Q NEXPERIA-TLVH431NAQDBZR-Q Datasheet
664Kb / 17P
Adjustable precision shunt regulators
Rev. 1-12 July 2023
More results


Similar Description - TLVH431N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 3
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
ADJUSTABLE PRECISION SHUNT REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com