Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2A Datasheet (PDF) - Nexperia B.V. All rights reserved

PZU6.2A Datasheet PDF - Nexperia B.V. All rights reserved
Part # PZU6.2A
Download  PZU6.2A Download
File Size   231.0 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diod

PZU6.2A Datasheet (PDF)

Go To PDF Page Download Datasheet
PZU6.2A Datasheet PDF - Nexperia B.V. All rights reserved

Part # PZU6.2A
Download  PZU6.2A Click to download

File Size   231.0 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diod

PZU6.2A Datasheet (HTML) - Nexperia B.V. All rights reserved


PZU6.2A Product details

1.1 General description
General-purpose Zener diodes in a SOD323 (SC-76) very small Surface-Mounted
Device (SMD) plastic package.
1.2 Features
1.3 Applications
n General regulation functions
n Non-repetitive peak reverse power
dissipation: PZSM £ 40 W
n Low reverse current IR range
n Total power dissipation: Ptot £ 320 mW n Small plastic package suitable for
surface-mounted design
n Tolerance series:
B: approximately ±5 %;
B1, B2, B3: approximately ±2 %
n AEC-Q101 qualified
n Wide working voltage range:
nominal 2.4 V to 36 V (E24 range)




Similar Part No. - PZU6.2A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PZU6.2A-Q NEXPERIA-PZU6.2A-Q Datasheet
281Kb / 12P
Single Zener diodes
Rev. 1 - 10 August 2022
More results


Similar Description - PZU6.2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1_04 Datasheet
40Kb / 4P
Switching Diod
April, 2004 ??Rev. 4
logo
SEMPO ELECTRONIC Limite...
SMDT-650H SEMPO-SMDT-650H Datasheet
289Kb / 1P
Diod-Thyristor Module
logo
Shindengen Electric Mfg...
S2V80 SHINDENGEN-S2V80 Datasheet
137Kb / 4P
Rectifier Diod
logo
Solid States Devices, I...
RS0219 SSDI-RS0219 Datasheet
173Kb / 2P
DIOD ASSEMBLY
logo
Rohm
DA221MFH ROHM-DA221MFH Datasheet
2Mb / 9P
Switching Diod
logo
Kyocera Kinseki Corpota...
EC30HA04 KSS-EC30HA04 Datasheet
719Kb / 7P
Schottky Barrier Diod
logo
Shanghai Yint Electroni...
ESD0201D5V0C018 YINT-ESD0201D5V0C018 Datasheet
606Kb / 7P
ESD Protection Diod
logo
TECH PUBLIC Electronics...
TPESD4114-563 TECHPUBLIC-TPESD4114-563 Datasheet
1Mb / 4P
Low Capacitance TVS Diod
logo
Shanghai Leiditech Elec...
SDA1511DN LEIDITECH-SDA1511DN Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIOD E
logo
TECH PUBLIC Electronics...
TPD4E001DRLR TECHPUBLIC-TPD4E001DRLR Datasheet
2Mb / 4P
Low Capacitance TVS Diod
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com