Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2BL Datasheet (PDF) - Nexperia B.V. All rights reserved

PZU6.2BL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PZU6.2BL
Download  PZU6.2BL Download
File Size   261.27 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes in a SOD882 package

PZU6.2BL Datasheet (PDF)

Go To PDF Page Download Datasheet
PZU6.2BL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PZU6.2BL
Download  PZU6.2BL Click to download

File Size   261.27 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes in a SOD882 package

PZU6.2BL Datasheet (HTML) - Nexperia B.V. All rights reserved


PZU6.2BL Product details

1.1. General description
General-purpose Zener diodes in a SOD882 leadless ultra small Surface-Mounted Device (SMD)
plastic package.

1.2. Features
• Non-repetitive peak rerverse power dissipation: PZSM ≤ 40 W
• Total power dissipation: Ptot ≤ 250 mW
• Tolerance series: B: approximately ±5 %; B2: approximately ±2 %
• Wide working voltage range: nominal 2.4 V to 36 V (E24 range)
• Low reverse current IR range
• Small plastic package suitable for surface-mounted design
• AEC-Q101 qualified

1.3. Applications
• General regulation functions




Similar Part No. - PZU6.2BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU6.2BL NXP-PZU6.2BL Datasheet
133Kb / 13P
Single Zener diodes
Rev. 01-6 May 2008
More results


Similar Description - PZU6.2BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H PHILIPS-BZT52H Datasheet
289Kb / 10P
Single Zener diodes in a SOD123F package
Rev. 01-22 December 2005
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
PESDXS1UL NXP-PESDXS1UL Datasheet
115Kb / 13P
ESD protection diodes in a SOD882 package
Rev. 02-20 August 2009
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com