Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEC2609 Datasheet (PDF) - CET-MOS Technology Corp.

CEC2609 Datasheet PDF - CET-MOS Technology Corp.
Part # CEC2609
Download  CEC2609 Download
File Size   680.64 Kbytes
Page   7 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Dual Enhancement Mode Field Effect Transistor (N and P Channel)

CEC2609 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEC2609 Datasheet PDF - CET-MOS Technology Corp.

Part # CEC2609
Download  CEC2609 Click to download

File Size   680.64 Kbytes
Page   7 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Dual Enhancement Mode Field Effect Transistor (N and P Channel)

CEC2609 Datasheet (HTML) - CET-MOS Technology Corp.


CEC2609 Product details

20V, 4.8A, RDS(ON) = 38mW @VGS = 4.5V.
FEATURES
RDS(ON) = 55mW @VGS = 2.5V.
-20V, -3.0A, RDS(ON) = 100mW @VGS = -4.5V.
RDS(ON) = 145mW @VGS = -2.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
RoHS compliant.
S2




Similar Part No. - CEC2609

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEC2088E CET-MOS-CEC2088E Datasheet
680Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2015.Sep
CEC2108E CET-MOS-CEC2108E Datasheet
607Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2016.Oct
logo
Cornell Dubilier Electr...
CEC220J CDE-CEC220J Datasheet
177Kb / 1P
Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
CEC221J CDE-CEC221J Datasheet
177Kb / 1P
Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
CET-MOS Technology Corp...
CEC2533 CET-MOS-CEC2533 Datasheet
770Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2017.Dec
More results


Similar Description - CEC2609

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4532DY FAIRCHILD-SI4532DY Datasheet
327Kb / 4P
Dual N- and P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM9952A CET-CEM9952A Datasheet
1Mb / 10P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com