Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNK-ER12M Datasheet (PDF) - Bel Fuse Inc.

FNK-ER12M Datasheet PDF - Bel Fuse Inc.
Part # FNK-ER12M
Download  FNK-ER12M Download
File Size   2236.75 Kbytes
Page   13 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Front Load Pluggable Optical Transceiver

FNK-ER12M Datasheet (PDF)

Go To PDF Page Download Datasheet
FNK-ER12M Datasheet PDF - Bel Fuse Inc.

Part # FNK-ER12M
Download  FNK-ER12M Click to download

File Size   2236.75 Kbytes
Page   13 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description Front Load Pluggable Optical Transceiver

FNK-ER12M Datasheet (HTML) - Bel Fuse Inc.


FNK-ER12M Product details

The FNK-ER12x singlemode optical fiber transceivers provide low profile, cost
effective solutions for Gigabit Ethernet and 1x Fiber Channel optical fiber data
links, up to 55 km distance using 0.25 dB/km singlemode cable, with a duplex LC
connector interface. These transceivers are fully compliant with the IEEE Gigabit
Ethernet and ANSI 1x Fiber Channel standards but can be used for any other data
communications purpose within their operating parameters.
This transceiver consist of transmitter and receiver functions combined in a Low
Profile RJ module. The optical transmitter is a high output 1550nm DFB laser. The
transmitter input lines are driven with differential LVPECL signals applied to the
Transmit (TX+ and TX-) pins. These signals are internally converted to a suitable
modulation current by a CMOS integrated circuit. The optical transmitter can be
disabled by applying an LVTTL signal to the Transmit Disable (TDIS) pin.
The optical receivers consist of PIN and Preamplifier assemblies and CMOS
limiting post-amplifier integrated circuits. Outputs from the receivers consist of
differential CML data signals on the Receive (RX+ and RX-) pins and a single
ended LVTTL loss of signal function on Loss of Signal (LOS) pin. The RX data
is squelched (JAM) upon LOS Assert to prevent garbage data output when no
optical signal is present.

Features & Benefits
• Gigabit Ethernet and 1x FC Applications, up to 55 km
• 3.3 V, 1550 nm, DFB, Singlemode
• Front load pluggable miniature transceiver
• MSA height, but half the footprint
• MSA compliant Digital Diagnostics
• Surface Mount I/O pins for high speed signal integrity
• Industrial Temp Range, Vibration tolerant design
• Individual (separate) +3.3 V power supply per port
• Industry standard duplex multimode LC receptacle
• Full compliance to IEEE and ANSI requirements
• EN-60825 / IEC-825 / CDRH Class 1 Compliant




Similar Part No. - FNK-ER12M

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNK-LT12H BEL-FNK-LT12H Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-LT12M BEL-FNK-LT12M Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-LT12X BEL-FNK-LT12X Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-ST11H BEL-FNK-ST11H Datasheet
532Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-ST11M BEL-FNK-ST11M Datasheet
532Kb / 4P
Front Load Pluggable Optical Transceiver
More results


Similar Description - FNK-ER12M

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
3M Electronics
6B2A-0412A-0 3M-6B2A-0412A-0 Datasheet
478Kb / 2P
Active Optical Pluggable Transceiver for QSFP Applications
logo
AVAGO TECHNOLOGIES LIMI...
516-3086-ND AVAGO-516-3086-ND Datasheet
135Kb / 2P
Pluggable 100G Ethernet Optical Transceiver
AFBR-8420Z AVAGO-AFBR-8420Z_15 Datasheet
1Mb / 49P
Pluggable 100G Ethernet Optical Transceiver
AFCT-8450Z AVAGO-AFCT-8450Z Datasheet
107Kb / 1P
Dual Rate Pluggable 100G Ethernet Optical Transceiver
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
Small Form Factor Pluggable (SFP) LC Optical Transceiver
logo
Bel Fuse Inc.
FNF-LP11X BEL-FNF-LP11X Datasheet
520Kb / 4P
Front Load Pluggable Optical Transceiver
FNF-LT11X BEL-FNF-LT11X Datasheet
520Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-LT12X BEL-FNK-LT12X Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-ST11X BEL-FNK-ST11X Datasheet
532Kb / 4P
Front Load Pluggable Optical Transceiver
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com