Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355 Datasheet (PDF) - EDAC, All Rights Reserved.

355 Datasheet PDF - EDAC, All Rights Reserved.
Part # 355
Download  355 Download
File Size   278.56 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description Card Edge Connectors 0.156” (3.96mm) Pitch

355 Datasheet (PDF)

Go To PDF Page Download Datasheet
355 Datasheet PDF - EDAC, All Rights Reserved.

Part # 355
Download  355 Click to download

File Size   278.56 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description Card Edge Connectors 0.156” (3.96mm) Pitch

355 Datasheet (HTML) - EDAC, All Rights Reserved.


355 Product details

Features:
• 0.156” (3.96mm) contact spacing x 0.140” (3.56mm) row spacing
• Accepts 0.062” (1.57mm) nominal thickness P.C. board
• Low profile insulator body, 0.470” (11.94mm)
• Contact termination options include P.C. tail, wire hole, extender board bends
• Dual row configuration
• Large variety of mounting options
• Accepts between contact and in-contact polarizing keys
• Pre-assembled card guides are available
• RoHS Compliant & UL Certified




Similar Part No. - 355

ManufacturerPart #DatasheetDescription
logo
3M Electronics
355 3M-355 Datasheet
839Kb / 3P
3M™ Power Clamp Wiremount Socket
20-Dec-2009
logo
Magnetrol International...
355 MAGNETROL-355 Datasheet
679Kb / 6P
Introducing Full-featured Level Transmitters with a User-friendly Price Point.
logo
Witten Company, Inc.
355 WITTEN-355 Datasheet
121Kb / 1P
THRU-HOLE THREADED INSERT W/FLANGE
logo
Fluke Corporation
355 FLUKE-355 Datasheet
485Kb / 3P
True-rms 2000 A Clamp Meters
logo
SYC Electronica
355 SYC-355 Datasheet
461Kb / 4P
JFET-Input Operational Amplifiers Low Supply Current(LF155) High Speed(LF156)
More results


Similar Description - 355

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
3.96mm Pitch Card Edge Connector
logo
Dubilier
DBC23.962T DUBILIER-DBC23.962T Datasheet
473Kb / 1P
BOARD TO WIRE CONNECTORS 3.96mm PITCH
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
Card Edge Connectors
logo
CW Industries
CWR-170-10-0021 CWIND-CWR-170-10-0021 Datasheet
117Kb / 4P
Card Edge Connectors
logo
List of Unclassifed Man...
VHR-7N ETC2-VHR-7N Datasheet
118Kb / 4P
3.96mm pitch/Disconnectable Crimp style connectors
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
Card Edge Connectors
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
Card Edge Connectors 0.156” (3.96mm) Pitch
345 EDAC-345 Datasheet
300Kb / 3P
Card Edge Connectors 0.100” (2.54mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com