Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2584 Datasheet (PDF) - Micrel Semiconductor

MIC2584 Datasheet PDF - Micrel Semiconductor
Part # MIC2584
Download  MIC2584 Download
File Size   277.74 Kbytes
Page   28 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual-Channel Hot Swap Controller/Sequencer

MIC2584 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2584 Datasheet PDF - Micrel Semiconductor

Part # MIC2584
Download  MIC2584 Click to download

File Size   277.74 Kbytes
Page   28 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual-Channel Hot Swap Controller/Sequencer

MIC2584 Datasheet (HTML) - Micrel Semiconductor


MIC2584 Product details

General Description
The MIC2584 and MIC2585 are dual-channel positive voltage hot swap controllers designed to facilitate the safe insertion of boards into live system backplanes. The MIC2584 and MIC2585 are available in 16-pin and 24-pin TSSOP packages, respectively. Using a few external discrete components and by controlling the gate drives of external N-Channel MOSFET devices, the MIC2584/85 provides inrush current limiting and output voltage slew rate control in harsh, critical power supply environments. Additionally, the MIC2585 provides output turn-on sequencing and output tracking during turn-on and turn-off. In combination, the devices’ many features provide a simplified, robust solution for many network applications to meet the power sequencing and protection requirements of multiple-voltage logic systems.

Features
• 1.0V to 13.2V supply voltage operation
• Surge voltage protection up to 20V
• Current regulation limits inrush current regardless of
load capacitance
• Programmable inrush current limiting
• Electronic circuit breaker
• Dual-level overcurrent fault sensing eliminates false tripping
• Fast response to short circuit conditions (< 1µs)
• Two sequenced output mode selections (MIC2585 only)
• ∆250mV supply tracking mode during turn-on/turn-off (MIC2585 only)
• Overvoltage and undervoltage output monitoring (Overvoltage for MIC2585 only)
• Undervoltage lockout protection
• /FAULT status output
• Power-On Reset and Power-Good status output (Power-Good for MIC2585 only)

Applications
• RAID systems
• Network servers
• Base stations
• Network switches
• Hot-board insertion




Similar Part No. - MIC2584

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
274Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
MIC2584-1JBTS MICREL-MIC2584-1JBTS Datasheet
274Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
MIC2584-1JYTS MICREL-MIC2584-1JYTS Datasheet
274Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
MIC2584-1KBTS MICREL-MIC2584-1KBTS Datasheet
274Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
MIC2584-1KYTS MICREL-MIC2584-1KYTS Datasheet
274Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
More results


Similar Description - MIC2584

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
-48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
logo
Linear Technology
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
-48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2584 MICREL-MIC2584_05 Datasheet
274Kb / 28P
Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
48V Hot Swap Controller with Sequencer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com