Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR3315TA Datasheet (PDF) - Renesas Technology Corp

NR3315TA Datasheet PDF - Renesas Technology Corp
Part # NR3315TA
Download  NR3315TA Download
File Size   235.78 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RECEIVER

NR3315TA Datasheet (PDF)

Go To PDF Page Download Datasheet
NR3315TA Datasheet PDF - Renesas Technology Corp

Part # NR3315TA
Download  NR3315TA Click to download

File Size   235.78 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RECEIVER

NR3315TA Datasheet (HTML) - Renesas Technology Corp


NR3315TA Product details

InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER
FOR 10 Gb/s APPLICATIONS

DESCRIPTION
The NR3315TA Series consists of InGaAs PIN coaxial module with internal
pre-amplifiers designed for 10 Gb/s optical transceivers such as a 300-pin
transponder. These modules are ideal as receivers for SONET OC-192
systems.
FEATURES
• XMD-MSA compliant
• 10 Gb/s high sensitivity InGaAs PIN-PD
• +3.3 V InP transimpedance pre-amplifier
• Minimum receiver sensitivity Pr = −20 dBm
• Operating case temperature TC = −5 to +85°C
• Transimpedance Zt = 6 000 Ω (Single-ended)
• Cut-off frequency fc = 8 GHz
• With flexible printed circuit




Similar Part No. - NR3315TA

ManufacturerPart #DatasheetDescription
logo
NEC
NR3315TA NEC-NR3315TA Datasheet
83Kb / 7P
InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
California Eastern Labs
NR3315TA CEL-NR3315TA Datasheet
193Kb / 7P
InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
NEC
NR3315TA-CC NEC-NR3315TA-CC Datasheet
83Kb / 7P
InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
California Eastern Labs
NR3315TA-CC CEL-NR3315TA-CC Datasheet
193Kb / 7P
InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
NEC
NR3315TA-EC NEC-NR3315TA-EC Datasheet
83Kb / 7P
InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
More results


Similar Description - NR3315TA

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AR027150MR-R PUI-AR027150MR-R Datasheet
216Kb / 1P
Receiver
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
Receiver
7/13/22
537709 FESTO-537709 Datasheet
92Kb / 2P
Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
Receiver
7/13/22
logo
Renesas Technology Corp
NDL5522P RENESAS-NDL5522P Datasheet
204Kb / 10P
RECEIVER
1992
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
RECEIVER
1995
NDL5592P RENESAS-NDL5592P Datasheet
201Kb / 10P
RECEIVER
1997
NR3470MU-CC RENESAS-NR3470MU-CC Datasheet
213Kb / 10P
RECEIVER
2002
NR3510UR RENESAS-NR3510UR Datasheet
235Kb / 9P
RECEIVER
2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com