Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR4211TH Datasheet (PDF) - Renesas Technology Corp

NR4211TH Datasheet PDF - Renesas Technology Corp
Part # NR4211TH
Download  NR4211TH Download
File Size   772.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RECEIVER (Limiting TIA, with DCA function)

NR4211TH Datasheet (PDF)

Go To PDF Page Download Datasheet
NR4211TH Datasheet PDF - Renesas Technology Corp

Part # NR4211TH
Download  NR4211TH Click to download

File Size   772.96 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RECEIVER (Limiting TIA, with DCA function)

NR4211TH Datasheet (HTML) - Renesas Technology Corp


NR4211TH Product details

InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS

DESCRIPTION
The NR4211TH product consists of InAIAs-APD (avalanche photo diode)
ROSAs (Receiver Optical Sub-Assembly) with internal pre-amplifiers
designed for 10 Gb/s long-reach optical transceivers such as the
XENPAK/X2/XFP and Transponder. These modules are ideal as receivers
for IEEE 10G BASE and SONET OC-192 systems and D-WDM systems.
FEATURES
• XMD-MSA compliant ROSA
• 10 Gb/s high sensitivity InAlAs-APD
• +3.3 V transimpedance pre-amplifier
• Minimum receiver sensitivity Pr = −27.5 dBm
• Operating case temperature TC = −5 to +90°C
• Transimpedance Zt = 6 000 Ω (Single-ended)
• Cut-off frequency fC = 7.5 GHz
• With DCA function (Cross point control)
• With flexible printed circuit




Similar Part No. - NR4211TH

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR4211TH CEL-NR4211TH Datasheet
930Kb / 7P
InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH_15 Datasheet
207Kb / 8P
RECEIVER (Limiting TIA, with DCA function) InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
More results


Similar Description - NR4211TH

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PT-3300 OPTOWAY-PT-3300 Datasheet
111Kb / 2P
5V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-3500 OPTOWAY-PT-3500 Datasheet
107Kb / 2P
5V / 155 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-5130 OPTOWAY-PT-5130 Datasheet
90Kb / 2P
3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver
PT-5530 OPTOWAY-PT-5530 Datasheet
108Kb / 2P
3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
PT-7330 OPTOWAY-PT-7330 Datasheet
147Kb / 4P
3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-7330 OPTOWAY-PT-7330_09 Datasheet
103Kb / 3P
3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH_15 Datasheet
207Kb / 8P
RECEIVER (Limiting TIA, with DCA function) InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
Texas Instruments
ONET2804T TI1-ONET2804T Datasheet
518Kb / 6P
28 Gbps 4-Channel Limiting TIA
logo
Integrated Device Techn...
HXR6101 IDT-HXR6101 Datasheet
121Kb / 2P
16Gbps TIA Receiver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com