Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NR8501 Datasheet (PDF) - Renesas Technology Corp

NR8501 Datasheet PDF - Renesas Technology Corp
Part # NR8501
Download  NR8501 Download
File Size   233.26 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTO DIODE

NR8501 Datasheet (PDF)

Go To PDF Page Download Datasheet
NR8501 Datasheet PDF - Renesas Technology Corp

Part # NR8501
Download  NR8501 Click to download

File Size   233.26 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTO DIODE

NR8501 Datasheet (HTML) - Renesas Technology Corp


NR8501 Product details

f50 mm InGaAs APD COAXIAL MODULE
FOR 2.5 Gb/s FIBEROPTIC COMMUNICATIONS

DESCRIPTION
The NR8501 Series is an InGaAs avalanche photo diode (APD) coaxial module optical fiber pigtail. This module is
designed for long wavelength 2.5 Gb/s optical communication systems and ideal as a receiver for Synchronous
Digital Hierarchy (SDH) system, STM-16, ITU-T recommendations.

FEATURES
• Small dark current ID = 7 nA
• High speed response fC = 2.5 GHz MIN. @ M = 5
• High sensitivity S = 0.94 A/W @ l = 1 310 nm, M = 1
S = 0.96 A/W @ l = 1 550 nm, M = 1
• Coaxial module with SMF or GI-50 fiber
• With SC connector : standard, FC connector : option
(Refer to ORDERING INFORMATION)




Similar Part No. - NR8501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NR8501 ETC-NR8501 Datasheet
99Kb / 4P
NR8501
logo
California Eastern Labs
NR8501 CEL-NR8501 Datasheet
240Kb / 6P
InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR8501BP CEL-NR8501BP Datasheet
241Kb / 6P
NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR8501CP-BC-AZ CEL-NR8501CP-BC-AZ Datasheet
240Kb / 6P
InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR8501CP-BC-AZ CEL-NR8501CP-BC-AZ Datasheet
241Kb / 6P
NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
More results


Similar Description - NR8501

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
PHOTO DIODE
MTD3010PM MARKTECH-MTD3010PM_2 Datasheet
151Kb / 1P
Photo Diode
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
Photo Diode
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B_15 Datasheet
551Kb / 3P
Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
Photo Diode
MTD6100PT MARKTECH-MTD6100PT_15 Datasheet
561Kb / 3P
Photo Diode
logo
Renesas Technology Corp
NDL5461P RENESAS-NDL5461P Datasheet
193Kb / 10P
PHOTO DIODE
1994
NDL5481P RENESAS-NDL5481P Datasheet
195Kb / 10P
PHOTO DIODE
1994
NDL5506P RENESAS-NDL5506P Datasheet
185Kb / 1P
PHOTO DIODE
1993
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
PHOTO DIODE
1996
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com