Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX6351GP Datasheet (PDF) - Renesas Technology Corp

NX6351GP Datasheet PDF - Renesas Technology Corp
Part # NX6351GP
Download  NX6351GP Download
File Size   833.77 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX6351GP Datasheet (PDF)

Go To PDF Page Download Datasheet
NX6351GP Datasheet PDF - Renesas Technology Corp

Part # NX6351GP
Download  NX6351GP Click to download

File Size   833.77 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX6351GP Datasheet (HTML) - Renesas Technology Corp


NX6351GP Product details

1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE
FOR 9.8 Gb/s CPRI and 10G E-PON ONU APPLICATION

DESCRIPTION
The NX6351GP series is a 1 270/1 290/1 310/1 330/1 350 nm Multiple
Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser
diode with InGaAs monitor PIN-PD.
APPLICATIONS
• 9.8 Gbps CPRI
• 10G E-PON ONU
FEATURES
• Optical output power PO = 8.5 mW
• Low threshold current Ith = 7 mA
• Differential efficiency ηd = 0.35 W/A
• Wide operating temperature range TC = −40 to +85°C
• InGaAs monitor PIN-PD
• CAN package φ 5.6 mm
• Focal point 10.2 mm




Similar Part No. - NX6351GP

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6351GP CEL-NX6351GP Datasheet
938Kb / 6P
1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
NX6351GP27-AZ CEL-NX6351GP27-AZ Datasheet
938Kb / 6P
1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
NX6351GP29-AZ CEL-NX6351GP29-AZ Datasheet
938Kb / 6P
1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
NX6351GP31-AZ CEL-NX6351GP31-AZ Datasheet
938Kb / 6P
1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
NX6351GP33-AZ CEL-NX6351GP33-AZ Datasheet
938Kb / 6P
1 270/1 290/1 310/1 330/1 350 nm AlGaInAs MQW-DFB LASER DIODE FOR 9.8Gbps CPRI, 10G Ethernet APPLICATION
More results


Similar Description - NX6351GP

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com