Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX7461LE-CC Datasheet (PDF) - Renesas Technology Corp

NX7461LE-CC Datasheet PDF - Renesas Technology Corp
Part # NX7461LE-CC
Download  NX7461LE-CC Download
File Size   229.1 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX7461LE-CC Datasheet (PDF)

Go To PDF Page Download Datasheet
NX7461LE-CC Datasheet PDF - Renesas Technology Corp

Part # NX7461LE-CC
Download  NX7461LE-CC Click to download

File Size   229.1 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX7461LE-CC Datasheet (HTML) - Renesas Technology Corp


NX7461LE-CC Product details

1 480 nm EDFA APPLICATION
InGaAsP MQW-FP LASER DIODE MODULE

DESCRIPTION
The NX7461LE-CC is a 1 480 nm pumping laser diode module with optical
isolator for an EDFA (Er Doped optical Fiber Amplifier) that can expand the
transmission span and compensate optical losses. The device is a Multiple
Quantum Well (MQW) structured Fabry-Perot (FP) laser diode that features
high output power, high efficiency, and stable fundamental mode.
FEATURES
• InGaAsP MQW-FP laser diode
• High output power Pf = 150 mW MIN. @ IF = 600 mA CW
• Internal optical isolator, thermoelectric cooler and InGaAs monitor photo diode
• Hermetically sealed 14-pin butterfly package
• Single mode fiber pigtail




Similar Part No. - NX7461LE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7461LE-CC CEL-NX7461LE-CC Datasheet
187Kb / 5P
1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
More results


Similar Description - NX7461LE-CC

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com