Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP96002 Datasheet (PDF) - NXP Semiconductors

DSP96002 Datasheet PDF - NXP Semiconductors
Part # DSP96002
Download  DSP96002 Download
File Size   12439.32 Kbytes
Page   111 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR

DSP96002 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP96002 Datasheet PDF - NXP Semiconductors

Part # DSP96002
Download  DSP96002 Click to download

File Size   12439.32 Kbytes
Page   111 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR

DSP96002 Datasheet (HTML) - NXP Semiconductors


DSP96002 Product details

FEATURES
• Digital signal processing core
– Efficient 32-bit DSP engine
– Conforms to IEEE 754-1985 standard for single precision (32-bit) and single
extended precision (44-bit) arithmetic
– Up to 30 Million Instructions Per Second (MIPS) at 60 MHz
– Parallel operation of Data ALU, Address Generation Unit (AGU), and program
controller within the CPU allow more processing per instruction cycle
– Single-cycle 32x32 bit parallel multiplier
– Highly parallel instruction set with unique DSP addressing modes
– Nested hardware DO loops
– Instruction cache extended to operate as 4 K byte (1 K word)
– Fast auto-return interrupts
– Address buses:
• One 32-bit unidirectional internal X memory Address Bus (XAB)
• One 32-bit unidirectional internal Y memory Address Bus (YAB)
• One 32-bit internal Program Address Bus (PAB)
• Two 32-bit external address buses
– Data buses:
• One 32-bit bidirectional internal X memory Data Bus (XDB)
• One 32-bit bidirectional internal Y memory Data Bus (YDB)
• One 32-bit bidirectional internal Global memory Data Bus (GDB)
• One 32-bit bidirectional internal DMA Data Bus (DDB)
• One 32-bit bidirectional internal Program Data Bus (PDB)
• Two 32-bit external data buses
– MCU-like instruction set mnemonics make programming easier
• Memory
– On-chip 1024x32-bit Program RAM
– Two independent on-chip 512x32-bit data RAMs
– Two independent on-chip 512x32-bit data ROMs (1024x32-bit virtual memory)
– On-chip 64x32-bit bootstrap ROM
– Off-chip expansion to 2x2 32
32-bit words of data memory
– Off-chip expansion to 2 32
32-bit words of program memory
• Miscellaneous features
– Two expansion ports assignable to X data, Y data, or program memory spaces or
a combination thereof, effectively doubling off-chip bus bandwidth.
– Host interface circuitry on each port provides a flexible slave interface to Direct
Memory Access (DMA) controllers and external processors for easy design of
multimaster systems
– Write strobe pins support interface to external SRAMs without additional logic
– Two programmable timers/counters
– Three external interrupt/mode control lines
– One external reset line for hardware reset
– 4-pin OnCE port for unobtrusive, processor speed-independent debugging
– HCMOS design for operating frequencies from 60 MHz down to DC
– 223-pin plastic Pin Grid Array (PGA) package or 240-pin Ceramic Quad Flat Pack
(CQFP) package
– 5.0 V power supply




Similar Part No. - DSP96002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP96002 MOTOROLA-DSP96002 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
DSP96002FE40 MOTOROLA-DSP96002FE40 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
DSP96002FE60 MOTOROLA-DSP96002FE60 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
DSP96002RC33 MOTOROLA-DSP96002RC33 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
DSP96002RC40 MOTOROLA-DSP96002RC40 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
More results


Similar Description - DSP96002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP96002 MOTOROLA-DSP96002 Datasheet
715Kb / 111P
32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
FLOATING - POINT DIGITAL SIGNAL PROCESSOR
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
STMicroelectronics
IMST805E STMICROELECTRONICS-IMST805E Datasheet
3Mb / 70P
32-bit floating-point transputer - xtended temperature
Feb-1997
logo
Texas Instruments
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
Floating-point Digital Signal Processor
logo
Analog Devices
SST-MELODY-SHARC AD-SST-MELODY-SHARC_15 Datasheet
414Kb / 20P
High End, Multichannel, 32-Bit Floating-Point Audio Processor
REV. 0
logo
Texas Instruments
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
Floating-Point Digital Signal Processor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com