Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC602EC Datasheet (PDF) - NXP Semiconductors

MPC602EC Datasheet PDF - NXP Semiconductors
Part # MPC602EC
Download  MPC602EC Download
File Size   440.08 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PowerPC 602TM RISC Microprocessor Hardware Specification

MPC602EC Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC602EC Datasheet PDF - NXP Semiconductors

Part # MPC602EC
Download  MPC602EC Click to download

File Size   440.08 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PowerPC 602TM RISC Microprocessor Hardware Specification

MPC602EC Datasheet (HTML) - NXP Semiconductors


MPC602EC Product details

Features
This section describes details of the 602 implementation of the PowerPC architecture. Major features of the
602 are as follows:
• High-performance, superscalar microprocessor
— As many as two instructions are fetched from the instruction queue per clock
— One instruction can be issued and one retired per clock
— As many as four instructions in execution per clock
— Single-cycle execution for most instructions
• Four independent execution units and two register files
— BPU performs architecturally-defined static branch prediction
— A 32-bit IU
— Fully IEEE 754-compliant FPU for single-precision operations
— Emulation support for double-precision operations
— An implementation of the non-IEEE floating-point mode
— Thirty-two 32-bit general-purpose registers (GPRs) for integer operands
— Thirty-two 32-bit floating-point registers (FPRs) for single-precision operands
— LSU for data transfer between data cache and GPRs and FPRs
• Instruction pipelining and split cache organization
— Zero-cycle branch capability (branch folding)
— Programmable static branch prediction on unresolved conditional branches
— BPU that performs CR lookahead operations
— Instruction fetch unit capable of fetching two instructions per clock from the instruction cache
(one of which is a branch instruction)
— A four-entry instruction queue that provides lookahead capability
— Independent pipelines with feed-forwarding that reduces data dependencies in hardware
— 4-Kbyte data cache—two-way set-associative, physically addressed; LRU replacement
algorithm
— 4-Kbyte instruction cache—two-way set-associative, physically addressed; LRU replacement
algorithm
— Cache write-back or write-through operation programmable on a per page or per block basis
• Memory managament features
— Address translation facilities for 4-Kbyte page size, variable block size, and 256-Mbyte
segment size
— A 32-entry, two-way set-associative ITLB
— A 32-entry, two-way set-associative DTLB
— Four-entry data and instruction BAT arrays providing 128-Kbyte to 256-Mbyte blocks
— Software table search operations and updates supported through fast trap mechanism
— 52-bit virtual address; 32-bit physical address
— Optional configuration of the TLBs that offers protection for up to 4-Mbytes of memory per
TLB, but no effective address translation
• Facilities for enhanced system performance
— A 64-bit (address and data multiplexed) external data bus with burst transfers
— Support for injected snoops by other devices during ownership of bus tenure
— Ability to broadcast a line-fill address, during the address tenure of a writeback transaction on
the bus
• Integrated power management
— Low-power 3.3-volt design
— Internal processor/bus clock multiplier that provides 2/1 and 3/1 ratios
— Three static power-saving modes—doze, nap, and sleep
— Automatic dynamic power reduction when internal functional units are idle
• Data bus externally selectable as either 32 or 64 bits
• In-system testability and debugging features through JTAG port
• Three power saving modes
— Doze—All the functional units of the 602 are disabled except for the time base/decrementer
registers and the bus snooping logic. When the processor is in doze mode, an external
asynchronous interrupt, a system management interrupt, a decrementer exception, a hard or soft
reset, or machine check brings the 602 into the full-power state. The 602 in doze mode
maintains the PLL in a fully-powered state and locked to the system external clock input
(SYSCLK) so a transition to the full-power state takes only a few processor clock cycles.
— Nap—The nap mode further reduces power consumption by disabling bus snooping, leaving
only the time base register and the PLL in a powered state. The 602 returns to the full-power
state upon receipt of an external asynchronous interrupt, a system management interrupt, a
decrementer exception, a hard or soft reset, or a machine check input (MCP). A return to fullpower
state from a nap state takes only a few processor clock cycles.
— Sleep—Sleep mode reduces power consumption to a minimum by disabling all internal
functional units, after which external system logic may disable the PLL and SYSCLK.
Returning the 602 to the full-power state requires the enabling of the PLL and SYSCLK,
followed by the assertion of an external asynchronous interrupt, a system management
interrupt, a hard or soft reset, or a machine check input (MCP) signal after the time required to
relock the PLL




Similar Part No. - MPC602EC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC601EC NXP-MPC601EC Datasheet
507Kb / 24P
PowerPC 601™ RISC Microprocessor Hardware Specifications
REV 3
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
MPC603AFE66AC NXP-MPC603AFE66AC Datasheet
265Kb / 31P
PowerPC 603™ RISC Microprocessor Hardware Specifications
REV 3
MPC603AFE66CC NXP-MPC603AFE66CC Datasheet
265Kb / 31P
PowerPC 603™ RISC Microprocessor Hardware Specifications
REV 3
More results


Similar Description - MPC602EC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
PowerPC 7457 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
PowerPC 7410 RISC Microprocessor Product Specification
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
PowerPC RISC microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
PowerPC 7410 RISC Microprocessor
logo
NXP Semiconductors
MPC601EC NXP-MPC601EC Datasheet
507Kb / 24P
PowerPC 601™ RISC Microprocessor Hardware Specifications
REV 3
MPC603EC NXP-MPC603EC Datasheet
265Kb / 31P
PowerPC 603™ RISC Microprocessor Hardware Specifications
REV 3
MPC604E9VEC NXP-MPC604E9VEC Datasheet
483Kb / 30P
PowerPC 604e™ RISC Microprocessor Family:PID9v-604e Hardware Specifications
REV 1
MPC604EC NXP-MPC604EC Datasheet
731Kb / 32P
PowerPC 604™ RISC Microprocessor Hardware Specifications
REV 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com