Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C32384 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C32384 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C32384
Download  PI5C32384 Download
File Size   55.72 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 10-Bit, 2-Port BusSwitch

PI5C32384 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C32384 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C32384
Download  PI5C32384 Click to download

File Size   55.72 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 10-Bit, 2-Port BusSwitch

PI5C32384 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C32384 Product details

Product Description:
Pericom Semiconductor’s PI5C series of logic circuits are pro-duced in the Company’s advanced submicron CMOS technology, achieving industry performance.

Product Features:
• Near-zero propagation delay
• Low noise, 25 ohm version (PI5C32384)
• 5ohm switches connect inputs to outputs (PI5C3384)
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.2 µA typical)
    – Ideally suited for notebook applications
• Packages available:
    – 24-pin 150-mil wide plastic QSOP (Q)
    – 24-pin 300-mil wide plastic SOIC (S)
    – 24-pin 173-mil wide plastic TSSOP (L)




Similar Part No. - PI5C32384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C32390Q PERICOM-PI5C32390Q Datasheet
122Kb / 4P
16-to-8 Multiplexer/Demultiplexer Bus Switch
PI5C32390QE PERICOM-PI5C32390QE Datasheet
122Kb / 4P
16-to-8 Multiplexer/Demultiplexer Bus Switch
More results


Similar Description - PI5C32384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3384A PERICOM-PI5C3384A Datasheet
182Kb / 3P
10-Bit, 2-Port BusSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI5C32X245 PERICOM-PI5C32X245 Datasheet
348Kb / 4P
16-Bit, 2-Port BusSwitch
PI2BV3877 PERICOM-PI2BV3877 Datasheet
339Kb / 4P
2-Port 266 MHz DDR BusSwitch
PI5C32X2245 PERICOM-PI5C32X2245 Datasheet
119Kb / 3P
16-Bit, 2-Port BusSwitch with 25 ohm Series Resistor
PI5C16244 PERICOM-PI5C16244 Datasheet
38Kb / 3P
16-Bit BusSwitch
PI5C34X2245 PERICOM-PI5C34X2245 Datasheet
49Kb / 3P
32-Bit, 2-Port BusSwitch with 25ohm Series Resistor
PI3B3863 PERICOM-PI3B3863 Datasheet
220Kb / 3P
3.3V, 10-Bit, 2-Port BusSwitch with SSTL-2 Enable
PI3C3861 PERICOM-PI3C3861 Datasheet
157Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion, 10-Bit, 2-Port, BusSwitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com