Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D24V0LA1B2LPQ Datasheet (PDF) - Diodes Incorporated

D24V0LA1B2LPQ Datasheet PDF - Diodes Incorporated
Part # D24V0LA1B2LPQ
Download  D24V0LA1B2LPQ Download
File Size   443.2 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24V BIDIRECTIONAL TVS DIODE

D24V0LA1B2LPQ Datasheet (PDF)

Go To PDF Page Download Datasheet
D24V0LA1B2LPQ Datasheet PDF - Diodes Incorporated

Part # D24V0LA1B2LPQ
Download  D24V0LA1B2LPQ Click to download

File Size   443.2 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24V BIDIRECTIONAL TVS DIODE

D24V0LA1B2LPQ Datasheet (HTML) - Diodes Incorporated


D24V0LA1B2LPQ Product details

Features
 Low Profile Package (0.53mm max) and Ultra-Small PCB
Footprint Area (1.08 x 0.68mm max) Suitable for Compact
Portable Electronics
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 One Channel of ESD Protection
 Low Channel Input Capacitance
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The D24V0LA1B2LPQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
 Cellular Handsets
 Portable Electronics
 Computers and Peripheral




Similar Part No. - D24V0LA1B2LPQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D24V0L1B2LP DIODES-D24V0L1B2LP Datasheet
322Kb / 4P
24V BIDIRECTIONAL TVS DIODE
Rev 1
D24V0L1B2LP-7B DIODES-D24V0L1B2LP-7B Datasheet
322Kb / 4P
24V BIDIRECTIONAL TVS DIODE
Rev 1
D24V0L1B2LPS DIODES-D24V0L1B2LPS Datasheet
267Kb / 4P
24V BIDIRECTIONAL TVS DIODE
Rev 2
D24V0L1B2LPS-7B DIODES-D24V0L1B2LPS-7B Datasheet
267Kb / 4P
24V BIDIRECTIONAL TVS DIODE
Rev 2
D24V0L1B2LPSQ DIODES-D24V0L1B2LPSQ Datasheet
213Kb / 4P
24V BIDIRECTIONAL TVS DIODE
Rev 1
More results


Similar Description - D24V0LA1B2LPQ

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D24V0L1B2LPS DIODES-D24V0L1B2LPS Datasheet
267Kb / 4P
24V BIDIRECTIONAL TVS DIODE
Rev 2
D24V0L1B2LPSQ DIODES-D24V0L1B2LPSQ Datasheet
213Kb / 4P
24V BIDIRECTIONAL TVS DIODE
Rev 1
D24V0L1B2LP DIODES-D24V0L1B2LP Datasheet
322Kb / 4P
24V BIDIRECTIONAL TVS DIODE
Rev 1
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
DESD24VF1BL DIODES-DESD24VF1BL Datasheet
430Kb / 5P
24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2022 Rev. 2 - 2
DESD24VF1BLP3 DIODES-DESD24VF1BLP3 Datasheet
415Kb / 5P
24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2022 Rev. 3 - 2
DESD24VF1BLQ DIODES-DESD24VF1BLQ Datasheet
344Kb / 5P
24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
July 2020 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com