Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D30V0S1UG3LP20 Datasheet (PDF) - Diodes Incorporated

D30V0S1UG3LP20 Datasheet PDF - Diodes Incorporated
Part # D30V0S1UG3LP20
Download  D30V0S1UG3LP20 Download
File Size   513.53 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL HIGH SURGE TVS DIODE

D30V0S1UG3LP20 Datasheet (PDF)

Go To PDF Page Download Datasheet
D30V0S1UG3LP20 Datasheet PDF - Diodes Incorporated

Part # D30V0S1UG3LP20
Download  D30V0S1UG3LP20 Click to download

File Size   513.53 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL HIGH SURGE TVS DIODE

D30V0S1UG3LP20 Datasheet (HTML) - Diodes Incorporated


D30V0S1UG3LP20 Product details

Features
 Low Profile Package (0.60mm Typical) and Ultra-Small PCB
Footprint Area (2.3mm × 1.7mm Max) Suitable for Compact
Portable Electronics
 Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±30kV
 Provides Surge and Lightning Protection per IEC 61000-4-5
Standard: IPP Max 180A
 One Channel of ESD and Surge Protection
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Applications
 Battery protections
 USB VBUS
 Cellular handsets
 Portable electronics
 Notebook computers




Similar Part No. - D30V0S1UG3LP20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D30V0S1U3LP20 DIODES-D30V0S1U3LP20 Datasheet
498Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
September 2022 Rev. 7 - 2
D30V0S1U3LP20-7 DIODES-D30V0S1U3LP20-7 Datasheet
498Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
September 2022 Rev. 7 - 2
More results


Similar Description - D30V0S1UG3LP20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D12V0H1U2LP1610 DIODES-D12V0H1U2LP1610 Datasheet
390Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D14V0H1U2LP1610 DIODES-D14V0H1U2LP1610 Datasheet
304Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D22V0H1U2LP1610 DIODES-D22V0H1U2LP1610 Datasheet
284Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D4V5H1U2LP1610 DIODES-D4V5H1U2LP1610 Datasheet
291Kb / 4P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D5V0H1U2LP1610 DIODES-D5V0H1U2LP1610 Datasheet
296Kb / 4P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 1
D5V0S1UN2LP1610 DIODES-D5V0S1UN2LP1610 Datasheet
330Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
Rev 2
D7V5S1U3LP20 DIODES-D7V5S1U3LP20 Datasheet
498Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
September 2022 Rev. 7 - 2
D20V0S1U2LP20 DIODES-D20V0S1U2LP20 Datasheet
204Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
January 2019 Rev. 1 - 2
D22V0S1U2LP20 DIODES-D22V0S1U2LP20 Datasheet
230Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
January 2019 Rev. 2 - 2
D24V0S1UG3LP20 DIODES-D24V0S1UG3LP20 Datasheet
435Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
September 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com