Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SICW080N120Y4 Datasheet (PDF) - Micro Commercial Components

SICW080N120Y4 Datasheet PDF - Micro Commercial Components
Part # SICW080N120Y4
Download  SICW080N120Y4 Download
File Size   3095.91 Kbytes
Page   7 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-CHANNEL MOSFET

SICW080N120Y4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SICW080N120Y4 Datasheet PDF - Micro Commercial Components

Part # SICW080N120Y4
Download  SICW080N120Y4 Click to download

File Size   3095.91 Kbytes
Page   7 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-CHANNEL MOSFET

SICW080N120Y4 Datasheet (HTML) - Micro Commercial Components


SICW080N120Y4 Product details

Maximum Ratings
• Operating Junction Temperature Range : -55°C to +175°C
• Storage Temperature Range: -55°C to +175°C
• Thermal Resistance: 0.67°C/W Junction to Case

Features
• SiC MOSFET technology
• High blocking voltage with low on-resistance
• High-speed switching with low capacitances
• Halogen Free. “Green” Device (Note 1)
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
Compliant. See Ordering Information)

Applications
• Solar Inverters
• Switch Mode Power Supplies
• High Voltage DC/DC Converters
• Battery Chargers
• Motor Drives




Similar Part No. - SICW080N120Y4

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SICW1000N170A MCC-SICW1000N170A Datasheet
914Kb / 6P
N-CHANNEL MOSFET
Rev.3-1-10082022
SICW1000N170A-BP MCC-SICW1000N170A-BP Datasheet
914Kb / 6P
N-CHANNEL MOSFET
Rev.3-1-10082022
logo
Diotec Semiconductor
SICW20C065 DIOTEC-SICW20C065 Datasheet
723Kb / 3P
Silicon Carbide Schottky Diodes Siliziumkarbid Schottky-Dioden
2024-03-25
SICW20C120 DIOTEC-SICW20C120 Datasheet
734Kb / 4P
Silicon Carbide Schottky Diodes Siliziumkarbid Schottky-Dioden
2024-04-10
SICW40C120 DIOTEC-SICW40C120 Datasheet
670Kb / 3P
Silicon Carbide Schottky Diodes Siliziumkarbid Schottky-Dioden
2023-06-07
More results


Similar Description - SICW080N120Y4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com