Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH145 Datasheet (PDF) - Littelfuse

SH145 Datasheet PDF - Littelfuse
Part # SH145
Download  SH145 Download
File Size   450.04 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Gas Discharge Tubes

SH145 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH145 Datasheet PDF - Littelfuse

Part # SH145
Download  SH145 Click to download

File Size   450.04 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Gas Discharge Tubes

SH145 Datasheet (HTML) - Littelfuse


SH145 Product details

Description
The Littelfuse SH Gas Discharge Tubes (GDT) series provides high
levels of protection against fast rising transients caused by
lightning disturbances. It has a surge rating of 5kA, 8/20μs.
Offered in a Squared Surface Mount package, which helps to
make pick and place on PCB process easier.
This GDT series is perfectly suited for broadband equipment
applications. The GDT’s low off-state capacitance is compatible
with high bandwidth applications and this capacitance loading
value does not vary if the voltage across the GDT changes.
The Littelfuse SH Gas Discharge Tube (GDT) series are specifically
designed for protection of electrical, multimedia, and
communication equipment against over voltage transients in
surface mount assembly applications.

Features
Excellent response to fast
rising transients
GHz working frequency
5kA, 8/20μs surge capability
as defined by IEC 61000-4-5
2nd Edition
UL Recognized
■ Offered with squared body
package
■ Non-Radioactive
■ Ultra Low capacitance
(<0.7pF)
■ Lead-free and RoHS
compliant

Applications
■ CATV equipment
■ Antennas
■ RS 485
■ Telecom Base Station
■ Power Supply AC Main
■ G.fast
■ EV power Charging
■ Inverter/Variable Frequency
Drivers (VFDs)
■ IEEE 802.3 compliant
Ethernet interfaces
■ Broad Band equipment
■ xDSL, ADSL, ADSL2, VDSL,
and VDSL2
■ Medical Electronics
■ Test Equipment
■ General Telecom Equipment
■ Renewable Energy




Similar Part No. - SH145

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SH14 A-DATA-SH14 Datasheet
576Kb / 1P
SuperSpeed USB 3.0 Interface: Equipped with a 2.5-inch 5,400 RPM hard drive and USB 3.0 transfer interface, achieving read/write performance up to 109MB/s.
logo
Laird Tech Smart Techno...
SH14 LSTD-SH14 Datasheet
516Kb / 2P
Reliable solid state operation
logo
Infinite Electronics In...
SH142-20 FAIRVIEW-SH142-20 Datasheet
542Kb / 3P
WR-42 Standard Waveguide Horn With Square Cover Flange and 20 dBi Nominal Gain Operating From 18 GHz to 26.5 GHz Frequency Range
REV 3.2
logo
Sanyo Semicon Device
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
2-Phase Stepping Motor
SH1421-5241 SANYO-SH1421-5241 Datasheet
136Kb / 2P
2-Phase Stepping Motor
More results


Similar Description - SH145

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
Gas Discharge Tubes
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
Gas Discharge Tubes
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
GAS DISCHARGE TUBES
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com