Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD73034D Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESD73034D Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESD73034D
Download  ESD73034D Download
File Size   1417.47 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Ultra Low Capacitance TVS Diode Array

ESD73034D Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD73034D Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESD73034D
Download  ESD73034D Click to download

File Size   1417.47 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 4-Line Ultra Low Capacitance TVS Diode Array

ESD73034D Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESD73034D Product details

Features
• Ultra low capacitance: 0.25pF typical(IO/ to I/O)
• Low operating voltage: 3.3V
• Low clamping voltage
• Up to 4 lines protects
• Leadless flow-through package
• Complies with following standards:
- IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
- IEC61000-4-5 (Lightning) 3A (8/20μs)




Similar Part No. - ESD73034D

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
ESD73031N WILLSEMI-ESD73031N Datasheet
340Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
ESD73031N-2/TR WILLSEMI-ESD73031N-2/TR Datasheet
340Kb / 7P
1-Line, Bi-directional, Ultra-low Capacitance Transient Voltage Suppressors
More results


Similar Description - ESD73034D

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0502N LEIDITECH-LC0502N Datasheet
108Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0504N LEIDITECH-LC0504N Datasheet
159Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0504PL6 LEIDITECH-LC0504PL6 Datasheet
130Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0518MA LEIDITECH-LC0518MA Datasheet
286Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Applied Power Microelec...
AR0504S6 APMICRO-AR0504S6 Datasheet
745Kb / 4P
4-Line Ultra Low Capacitance TVS Diode Array
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
SP3003-04ATG LEIDITECH-SP3003-04ATG Datasheet
394Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
TPD4E1U06DCKR LEIDITECH-TPD4E1U06DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
TPD4S009DCKR LEIDITECH-TPD4S009DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com