Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEZC3178 Datasheet (PDF) - CET-MOS Technology Corp.

CEZC3178 Datasheet PDF - CET-MOS Technology Corp.
Part # CEZC3178
Download  CEZC3178 Download
File Size   1057.06 Kbytes
Page   6 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Dual N-Channel Enhancement Mode Field Effect Transistor

CEZC3178 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEZC3178 Datasheet PDF - CET-MOS Technology Corp.

Part # CEZC3178
Download  CEZC3178 Click to download

File Size   1057.06 Kbytes
Page   6 Pages
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.
Description Dual N-Channel Enhancement Mode Field Effect Transistor

CEZC3178 Datasheet (HTML) - CET-MOS Technology Corp.


CEZC3178 Product details

FEATURES
30V, 25A, RDS(ON) = 20mW @VGS = 10V.
Super High dense cell design for extremely low RDS(ON).
High power and current handing capability.
RoHS compliant.
RDS(ON) = 32mW @VGS = 4.5V.




Similar Part No. - CEZC3178

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEZC3108 CET-MOS-CEZC3108 Datasheet
707Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2020.Nov
CEZC3112 CET-MOS-CEZC3112 Datasheet
946Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2023.May
CEZC3133 CET-MOS-CEZC3133 Datasheet
1,010Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2021.May
More results


Similar Description - CEZC3178

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com