Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB2440 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VB2440 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VB2440
Download  VB2440 Download
File Size   699.32 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 40 V (D-S) 175 °C MOSFET

VB2440 Datasheet (PDF)

Go To PDF Page Download Datasheet
VB2440 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VB2440
Download  VB2440 Click to download

File Size   699.32 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 40 V (D-S) 175 °C MOSFET

VB2440 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VB2440 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedc
• 100 % Rg and UIS Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - VB2440

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VB244 TI-VB244 Datasheet
321Kb / 16P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Similar Description - VB2440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50P04-13L VISHAY-SUD50P04-13L Datasheet
59Kb / 5P
P-Channel 40-V (D-S), 175C MOSFET
05-Jul-04
SUD50P04-23 VISHAY-SUD50P04-23 Datasheet
115Kb / 8P
P-Channel 40-V (D-S), 175 °C MOSFET
25-Aug-08
SUD50P04-09L VISHAY-SUD50P04-09L_08 Datasheet
92Kb / 5P
P-Channel 40-V (D-S), 175 °C MOSFET
06-Aug-07
SUD50P04-13L VISHAY-SUD50P04-13L_08 Datasheet
102Kb / 6P
P-Channel 40-V (D-S) 175 °C MOSFET
06-Aug-07
SUM110P04-04L-E3 VISHAY-SUM110P04-04L-E3 Datasheet
82Kb / 6P
P-Channel 40-V (D-S) 175 °C MOSFET
09-Oct-06
SUD50P04-09L-E3 VISHAY-SUD50P04-09L-E3 Datasheet
94Kb / 5P
P-Channel 40 V (D-S), 175 °C MOSFET
08-Mar-10
SUD50P04-13L VISHAY-SUD50P04-13L_09 Datasheet
85Kb / 6P
P-Channel 40-V (D-S) 175 °C MOSFET
06-Aug-07
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
Automotive P-Channel 40 V (D-S) 175 C MOSFET
07-Nov-11
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
29-Dec-14
SUD40151EL VISHAY-SUD40151EL Datasheet
207Kb / 10P
P-Channel 40 V (D-S) 175 °C MOSFET
02-Jul-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com