Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB362K Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VB362K Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VB362K
Download  VB362K Download
File Size   523.36 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual N-Channel 60 V (D-S) MOSFET

VB362K Datasheet (PDF)

Go To PDF Page Download Datasheet
VB362K Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VB362K
Download  VB362K Click to download

File Size   523.36 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual N-Channel 60 V (D-S) MOSFET

VB362K Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VB362K Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Low On-Resistance: 1.8 Ω
• Low Threshold: 2 V (typ.)
• Low Input Capacitance: 30 pF
• Fast Switching Speed: 25 ns
• Low Input and Output Leakage
• TrenchFET® Power MOSFET
• Compliant to RoHS Directive 2002/95/EC
BENEFITS
• Low Offset Voltage
• Low-Voltage Operation
• Easily Driven Without Buffer
• High-Speed Circuits
• Low Error Voltage
APPLICATIONS
• Direct Logic-Level Interface: TTL/CMOS
• Drivers: Relays, Solenoids, Lamps, Hammers, Display,
Memories, Transistors, etc.
• Battery Operated Systems
• Solid-State Relays




Similar Part No. - VB362K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB3658 VBSEMI-VB3658 Datasheet
519Kb / 9P
Dual N-Channel 60 V (D-S) MOSFET
More results


Similar Description - VB362K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
Dual N-Channel 60-V (D-S) MOSFET
02-Mar-09
logo
Analog Power
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
Dual N-Channel 60-V (D-S) MOSFET
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
Dual N-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
435YW VBSEMI-435YW Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
SSM6N7002BFU VBSEMI-SSM6N7002BFU Datasheet
945Kb / 6P
Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
Dual N-Channel 60 V (D-S) MOSFET
04-Aug-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com