Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB7202M Datasheet (PDF) - VBsemi Electronics Co.,Ltd

VB7202M Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # VB7202M
Download  VB7202M Download
File Size   800.75 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 200 V (D-S) MOSFET

VB7202M Datasheet (PDF)

Go To PDF Page Download Datasheet
VB7202M Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # VB7202M
Download  VB7202M Click to download

File Size   800.75 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 200 V (D-S) MOSFET

VB7202M Datasheet (HTML) - VBsemi Electronics Co.,Ltd


VB7202M Product details

FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• Low On-Resistance
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• DC/DC Converters, High Speed Switching




Similar Part No. - VB7202M

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
VB7009 VIA-VB7009 Datasheet
929Kb / 2P
Mini-ITX Series
VB7009-10E VIA-VB7009-10E Datasheet
929Kb / 2P
Mini-ITX Series
VB7009-12QCE VIA-VB7009-12QCE Datasheet
929Kb / 2P
Mini-ITX Series
VB7009-16 VIA-VB7009-16 Datasheet
929Kb / 2P
Mini-ITX Series
logo
VBsemi Electronics Co.,...
VB7101M VBSEMI-VB7101M Datasheet
888Kb / 9P
N-Channel 100 V (D-S) MOSFET
More results


Similar Description - VB7202M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
N-Channel 200-V (D-S) MOSFET
24-Nov-03
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
N-Channel 200-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
N-Channel 200 V (D-S) MOSFET
04-Jul-16
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
N-Channel 200 V (D-S) MOSFET
23-May-16
logo
Analog Power
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
N-Channel 200-V (D-S) MOSFET
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
2SK2382 VBSEMI-2SK2382 Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com