Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTQS3244 Datasheet (PDF) - Renesas Technology Corp

IDTQS3244 Datasheet PDF - Renesas Technology Corp
Part # IDTQS3244
Download  IDTQS3244 Download
File Size   385.63 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH

IDTQS3244 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS3244 Datasheet PDF - Renesas Technology Corp

Part # IDTQS3244
Download  IDTQS3244 Click to download

File Size   385.63 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH

IDTQS3244 Datasheet (HTML) - Renesas Technology Corp


IDTQS3244 Product details

APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Power conservation
• Capacitance reduction and isolation
• Logic replacement (data processing)
• Clock gating
• Bus switching and isolation
FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• 5Ω bidirectional switches connect inputs to outputs
• Pin compatible with 74F244, 74FCT244, and 74FCT244T
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• Available in QSOP, SOIC, and TSSOP packages




Similar Part No. - IDTQS3244

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
218Kb / 5P
QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244PA IDT-IDTQS3244PA Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244PAG IDT-IDTQS3244PAG Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244Q IDT-IDTQS3244Q Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Similar Description - IDTQS3244

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
QS3245QG IDT-QS3245QG Datasheet
218Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32245 IDT-IDTQS32245_15 Datasheet
219Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS3245 RENESAS-IDTQS3245 Datasheet
251Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
NOVEMBER 2014
IDTQS32X2245 RENESAS-IDTQS32X2245 Datasheet
389Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
IDTQS32X2384 RENESAS-IDTQS32X2384 Datasheet
392Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
FEBRUARY 2011
IDTQS32X245 RENESAS-IDTQS32X245 Datasheet
377Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com