Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4A101 Datasheet (PDF) - Renesas Technology Corp

4A101 Datasheet PDF - Renesas Technology Corp
Part # 4A101
Download  4A101 Download
File Size   427.84 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES

4A101 Datasheet (PDF)

Go To PDF Page Download Datasheet
4A101 Datasheet PDF - Renesas Technology Corp

Part # 4A101
Download  4A101 Click to download

File Size   427.84 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES

4A101 Datasheet (HTML) - Renesas Technology Corp


4A101 Product details

FEATURES:
• Low ON resistance: rDS(ON) = 5Ω
• Wide bandwidth: 1.4GHz (-3dB point)
• Crosstalk: 122dB at 50KHz, -80dB at 5MHz, -65dB at 30MHz
• Off-isolation: -100dB at 50KHz, -75dB at 5MHz, -45dB at
30MHz
• Single 5V supply
• Bidirectional signal flow
• TTL-compatible control inputs
• Ultra-low quiescent current: 3μA
• Switch turn on time of 6.5ns
• Available in QSOP package
APPLICATIONS:
• High-speed video signal switching/routing
• Audio signal switching/routing
• Data acquisition
• ATE systems
• Telecomm routing
• Token Ring transceivers
• High-speed networking




Similar Part No. - 4A101

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
4A10 BILIN-4A10 Datasheet
57Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
4A10 LUGUANG-4A10 Datasheet
160Kb / 2P
Plastic Silicon Rectifiers
logo
Diode Semiconductor Kor...
4A10 DSK-4A10 Datasheet
275Kb / 2P
PLASTIC SILICON RECTIFIERS
More results


Similar Description - 4A101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3125 IDT-IDTQS3125 Datasheet
43Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
IDTQS3126 IDT-IDTQS3126 Datasheet
38Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
IDTQS4A101 IDT-IDTQS4A101 Datasheet
91Kb / 7P
QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
IDTQS4A101 IDT-IDTQS4A101_14 Datasheet
256Kb / 7P
QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPST SWITCH WITH INDIVIDUAL ENABLES
logo
Renesas Technology Corp
IDTQS4A105 RENESAS-IDTQS4A105 Datasheet
442Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
APRIL 2014
IDTQS4A110 RENESAS-IDTQS4A110 Datasheet
426Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 5PST SWITCH
APRIL 2014
IDTQS4A205 RENESAS-IDTQS4A205 Datasheet
430Kb / 8P
QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
APRIL 2014
IDTQS3306A RENESAS-IDTQS3306A Datasheet
380Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS DUAL BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
OCTOBER 2011
QS3125 RENESAS-QS3125 Datasheet
251Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE LOW ENABLES
MAY 2019
QS3126 RENESAS-QS3126 Datasheet
247Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE HIGH ENABLES
MAY 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com