Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8510UD47 Datasheet (PDF) - Renesas Technology Corp

NX8510UD47 Datasheet PDF - Renesas Technology Corp
Part # NX8510UD47
Download  NX8510UD47 Download
File Size   843.57 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX8510UD47 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX8510UD47 Datasheet PDF - Renesas Technology Corp

Part # NX8510UD47
Download  NX8510UD47 Click to download

File Size   843.57 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX8510UD47 Datasheet (HTML) - Renesas Technology Corp


NX8510UD47 Product details

1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s
InGaAsP MQW-DFB LASER DIODE TOSA

DESCRIPTION
The NX8510UD is a 1 470 to 1 610 nm Multiple Quantum Well (MQW)
structured Distributed Feed-Back (DFB) laser diode TOSA (transmitter optical
sub-assembly) with InGaAs monitor PIN-PD in a receptacle type package
designed for SFF/SFP transceiver with LC duplex receptacle. This device is
ideal for 2.5 Gb/s CWDM application.
FEATURES
• Internal optical isolator
• Optical output power Pf = 2.0 mW
• Peak emission wavelength λp = 1 470 to 1 610 nm (Based on CWDM)
• Low threshold current lth = 10 mA TYP. @ TC = 25°C
• Operating case temperature range TC = −20 to +85°C
• Side mode suppression ratio SMSR = 40 dB
• InGaAs monitor PIN-PD
• Small package φ 3.8 mm TOSA (Total length 12.0 mm MAX.)




Similar Part No. - NX8510UD47

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8510UD CEL-NX8510UD Datasheet
354Kb / 6P
NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
NX8510UD-AZ CEL-NX8510UD-AZ Datasheet
354Kb / 6P
NECs InGaAsP MQW-DFB TOSA FOR 2.5 Gb/s CWDM APPLICATIONS
logo
Renesas Technology Corp
NX8510UDSeries RENESAS-NX8510UDSeries Datasheet
208Kb / 9P
1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8510UD RENESAS-NX8510UD_15 Datasheet
226Kb / 11P
1 470 TO 1 610 nm FOR CWDM 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Similar Description - NX8510UD47

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com