Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8530NH287 Datasheet (PDF) - Renesas Technology Corp

NX8530NH287 Datasheet PDF - Renesas Technology Corp
Part # NX8530NH287
Download  NX8530NH287 Download
File Size   280.1 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX8530NH287 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX8530NH287 Datasheet PDF - Renesas Technology Corp

Part # NX8530NH287
Download  NX8530NH287 Click to download

File Size   280.1 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE

NX8530NH287 Datasheet (HTML) - Renesas Technology Corp


NX8530NH287 Product details

1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS

DESCRIPTION
The NX8530NH and NX8531NH are 1 550 nm Multiple Quantum Wells
(MQW) structured Distributed Feed-Back (DFB) laser diode module TOSA
integrated a mini-TEC, with InGaAs monitor PIN-PD in a ceramic package
designed for SFP transceivers and other types of modules with LC receptacle.
FEATURES
• Optical output power PAVG = 0 dBm MIN. (NX8530NH)
PAVG = 4 dBm MIN. (NX8531NH)
• Available for DWDM C-band and L-band wavelengths based on
ITU-T recommendations
(100 GHz grid, please refer to the ORDERING INFORMATION)
• Built-in mini thermo-electric cooler with low power consumption
• Miniature 18.5 mm package with LC receptacle




Similar Part No. - NX8530NH287

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8530NH287 CEL-NX8530NH287 Datasheet
331Kb / 11P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
More results


Similar Description - NX8530NH287

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDVA416T NICHIA-NDVA416T Datasheet
185Kb / 3P
Laser Diode
NUB206E NICHIA-NUB206E_16 Datasheet
212Kb / 2P
Laser Diode
logo
Renesas Technology Corp
NDL7001L RENESAS-NDL7001L Datasheet
188Kb / 10P
LASER DIODE
1995
NDL7103 RENESAS-NDL7103 Datasheet
177Kb / 8P
LASER DIODE
1995
NDL7163 RENESAS-NDL7163 Datasheet
178Kb / 8P
LASER DIODE
1995
NDL7400P RENESAS-NDL7400P Datasheet
188Kb / 10P
LASER DIODE
1996
NDL7514P RENESAS-NDL7514P Datasheet
198Kb / 10P
LASER DIODE
1995
NDL7515P RENESAS-NDL7515P Datasheet
190Kb / 10P
LASER DIODE
1996
NDL7540PA RENESAS-NDL7540PA Datasheet
195Kb / 10P
LASER DIODE
1995
NDL7563P RENESAS-NDL7563P Datasheet
195Kb / 10P
LASER DIODE
1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com