Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116VY Datasheet (PDF) - Nexperia B.V. All rights reserved

BAS116VY Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAS116VY
Download  BAS116VY Download
File Size   203.88 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-leakage triple switching diode

BAS116VY Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS116VY Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAS116VY
Download  BAS116VY Click to download

File Size   203.88 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-leakage triple switching diode

BAS116VY Datasheet (HTML) - Nexperia B.V. All rights reserved


BAS116VY Product details

1. General description
Epitaxial, medium-speed switching, electrically isolated triple diode in an ultra small SOT363
Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Low leakage current: max. 5 nA
• Switching time: typical 0.8 μs
• Continuous reverse voltage: maximum 75 V
• Repetitive peak reverse voltage: maximum 85 V
• Repetitive peak forward current: maximum 500 mA

3. Applications
• Low-leakage current applications in surface mounted circuits




Similar Part No. - BAS116VY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS116VY-Q NEXPERIA-BAS116VY-Q Datasheet
203Kb / 8P
Low-leakage triple switching diode
19 April 2023
More results


Similar Description - BAS116VY

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXD6001 CENTRAL-CMXD6001 Datasheet
114Kb / 2P
SUPERmini. TRIPLE ISOLATED SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
ON Semiconductor
BAS21AHT1G ONSEMI-BAS21AHT1G Datasheet
65Kb / 3P
Low Leakage Switching Diode
October, 2007 - Rev. 0
logo
Rohm
BAS116HY ROHM-BAS116HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199HY ROHM-BAV199HY Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FM ROHM-BAV199FM Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAV199FMFH ROHM-BAV199FMFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
BAW156HYFH ROHM-BAW156HYFH Datasheet
1Mb / 8P
Switching Diode (Low leakage)
logo
Nexperia B.V. All right...
BAS116H NEXPERIA-BAS116H Datasheet
804Kb / 10P
Low leakage switching diode
Rev. 3 - 31 May 2011
BAS116VY-Q NEXPERIA-BAS116VY-Q Datasheet
203Kb / 8P
Low-leakage triple switching diode
19 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com