Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2012ESA Datasheet (PDF) - Major-Power Technology Co., LTD.

MA2012ESA Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA2012ESA
Download  MA2012ESA Download
File Size   191.64 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description High Voltage, Step-up LED Driver

MA2012ESA Datasheet (PDF)

Go To PDF Page Download Datasheet
MA2012ESA Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA2012ESA
Download  MA2012ESA Click to download

File Size   191.64 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description High Voltage, Step-up LED Driver

MA2012ESA Datasheet (HTML) - Major-Power Technology Co., LTD.


MA2012ESA Product details

GENERAL DESCRIPTION
The MA2012 is a current mode step-up LED driver intended for small, low power
applications. The LED driver input voltage ranging is from 3.5V to 28V. The 600KHz
switching frequency allows small external inductors. Internal power MOSFET with very low
RDS(ON) provides high efficiency. The LED driver also requires protection functions such as
input Under-Voltage Lock-Out, output Over Voltage Protection, Current Limit and Thermal
Shutdown. The MA2012 is available in SOP8L-EP package.

 FEATURES
- 3.5V to 28V Operating Input Voltage Range.
- Maximum 38V Output Voltage.
- 600KHz Fixed Switching Frequency.
- 0.2V ±2% Feedback Voltage Range.
- Up to 90% Efficiency.
- External Soft-Start Function.
- Drives up to 10 WLEDs.
- Over Current Protection (OCP)
- Thermal Shutdown Protection. (OTP)
- Input Under Voltage Lockout. (UVLO)
- Output Over Voltage Protection. (OVP)
- Available in SOP8L-EP Package Type.




Similar Part No. - MA2012ESA

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MA201 SELEC-MA201 Datasheet
521Kb / 1P
Digital Ammeter
MA201-110V SELEC-MA201-110V Datasheet
521Kb / 1P
Digital Ammeter
MA201-110V-CU SELEC-MA201-110V-CU Datasheet
521Kb / 1P
Digital Ammeter
MA201-CU SELEC-MA201-CU Datasheet
521Kb / 1P
Digital Ammeter
logo
Murata Manufacturing Co...
MA20101BAN MURATA-MA20101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA2012ESA

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
Up to 700mA | Step Up LED Driver
AMLBW-3625Z AIMTEC-AMLBW-3625Z Datasheet
449Kb / 8P
Step Up LED Driver
logo
SG Micro Corp
SGM3725 SGMICRO-SGM3725 Datasheet
345Kb / 13P
38V Step-Up LED Driver
SGM3735 SGMICRO-SGM3735 Datasheet
343Kb / 13P
38V Step-Up LED Driver
logo
AIMTEC
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z_16 Datasheet
345Kb / 7P
Up to 900mA | Step Up LED Driver
logo
SG Micro Corp
SGM3725 SGMICRO-SGM3725_16 Datasheet
1Mb / 13P
38V Step-Up LED Driver
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com