Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA2013CA Datasheet (PDF) - Major-Power Technology Co., LTD.

MA2013CA Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA2013CA
Download  MA2013CA Download
File Size   184.9 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 1.2MHz, 2.5A, 24V Output Boost Converter

MA2013CA Datasheet (PDF)

Go To PDF Page Download Datasheet
MA2013CA Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA2013CA
Download  MA2013CA Click to download

File Size   184.9 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 1.2MHz, 2.5A, 24V Output Boost Converter

MA2013CA Datasheet (HTML) - Major-Power Technology Co., LTD.


MA2013CA Product details

GENERAL DESCRIPTION
The MA2013 is a constant frequency, current mode boost converter intended for
small, low power applications. The MA2013 input voltage ranging is from 2.3V to 12V. The
1.2MHz switching frequency allows small external inductors. Internal power MOSFET with
low RDS(ON) provides high efficiency. Internal soft-start function prevents inrush current and
extends battery life.
The MA2013 also requires protection functions such as input Under-Voltage Lock-Out,
current limit and thermal shutdown to prevent IC damage. The MA2013 is available in a small
SOT23-6L package.

 FEATURES
- 2.3V to 12V Operating Input Voltage Range
- Maximum 24V Output Voltage
- 1.2MHz Fixed Switching Frequency
- 0.6V ±2% Feedback Voltage Range
- Up to 90% Efficiency
- Internal Soft-Start Function
- Power Saving Mode at Light Load
- Internal 80mΩ Power MOSFET
- Over Current Protection (OCP)
- Over Temperature Protection (OTP)
- Input Under Voltage Lockout (UVLO)
- -40°C to +85°C Temperature Range
- Available in SOT23-6L Package




Similar Part No. - MA2013CA

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MA201 SELEC-MA201 Datasheet
521Kb / 1P
Digital Ammeter
MA201-110V SELEC-MA201-110V Datasheet
521Kb / 1P
Digital Ammeter
MA201-110V-CU SELEC-MA201-110V-CU Datasheet
521Kb / 1P
Digital Ammeter
MA201-CU SELEC-MA201-CU Datasheet
521Kb / 1P
Digital Ammeter
logo
Murata Manufacturing Co...
MA20101BAN MURATA-MA20101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA2013CA

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
1A, 1.2MHz Synchronous Boost Converter
logo
Richtek Technology Corp...
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
2A, 24V, 1.2MHz Step-Down Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Seaward Electronics Inc...
SE3608 SEAWARD-SE3608 Datasheet
337Kb / 8P
2A/1.2Mhz Output Current, Boost Converter
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
1.1A 1.2MHz Synchronous Boost Converter
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com