Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA3001 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA3001 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA3001
Download  MA3001 Download
File Size   122.49 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 300mA Ultra-Low Quiescent Current LDO

MA3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA3001 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA3001
Download  MA3001 Click to download

File Size   122.49 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 300mA Ultra-Low Quiescent Current LDO

MA3001 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA3001 Product details

GENERAL DESCRIPTION
The MA3001 is an Ultra-Low quiescent current, high accuracy, low noise, high PSRR, low
dropout voltage regulator. It also includes fast discharge function, EN pin enable control.
The current limit fold-back circuit operates as a short circuit protection function and can
limit the output current. The MA3001 consumes less than 1μA in shutdown mode, internal
soft-start time is about 200μs.
Output voltages are 1.2V, 1.8V and 3.3V. The MA3001 is available in SOT23-5L package.

 FEATURES
- 2.0V to 7.0V Operating Input Voltage Range
- Ultra-Low Quiescent Current: 1μ A
- Output Voltage: 1.2V/1.8V/3.3V
- Output Voltage Accuracy: ±1.5%
- Maximum Output Current: 300mA
- Dropout Voltage: 210mV@200mA/3.3V
- High PSRR: 70dB@1KHz
- Stable with 1μ F Output Capacitor
- Over Current Protection Function
- Output Discharge Function
- Available in SOT23-5L Package

APPLICATIONS
- Portable Instruments
- Reference Voltage Source
- Battery-Powered Devices




Similar Part No. - MA3001

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA300 MPS-MA300 Datasheet
1Mb / 17P
MagAlpha Communication Kit
MA300 MPS-MA300 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
MA300 MPS-MA300 Datasheet
879Kb / 11P
Rotary Knob Kit for the MagAlpha
logo
ZKTECO CO., LTD. All ri...
MA300 ZKTECO-MA300 Datasheet
1Mb / 2P
Fingerprint & RFID Access Control Terminal Metallic casing & IP65 waterproof
V2.1 12/27/2023
logo
amphenol-sensors
MA300 AMPHENOLADVANCEDSENSORS-MA300 Datasheet
346Kb / 4P
Biomedical Chip NTC Thermistors
03/2020
More results


Similar Description - MA3001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
300mA Low Quiescent Current LDO
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
logo
Rohm
BD733L2EFJ-CE2 ROHM-BD733L2EFJ-CE2 Datasheet
1Mb / 34P
Ultra Low Quiescent Current LDO Regulator
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
BD7XXL5FP-C ROHM-BD7XXL5FP-C Datasheet
1,000Kb / 23P
Ultra Low Quiescent Current LDO Regulator
01.May.2014 Rev.004
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com