Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA41FP3 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA41FP3 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA41FP3
Download  MA41FP3 Download
File Size   118.91 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Output Hall Effect Latch

MA41FP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA41FP3 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA41FP3
Download  MA41FP3 Click to download

File Size   118.91 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Output Hall Effect Latch

MA41FP3 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA41FP3 Product details

GENERAL DESCRIPTION
MA41F is an integrated Hall effect latched sensor designed for electronic commutation of
brush-less DC motor applications. The device includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the Hall voltage, and a Schmitt trigger to
provide switching hysteresis for noise rejection, and open-collector output. An internal
band-gap regulator is used to provide temperature compensated supply voltage for internal
circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output
state is held until a magnetic flux density reversal falls below Brp causing OUT to be turned
off (high).

FEATURES
- 4V to 26V DC Operation Voltage
- Temperature Compensation
- Wide Operating Voltage Range
- Open-Collector Pre-Driver
- 25mA Maximum Sinking Output Current.
- -40°C to 150°C Operating Temperature
- SIP-3L(TO-92S) Package( Green and Lead Free )




Similar Part No. - MA41FP3

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA410 EXTECH-MA410 Datasheet
216Kb / 12P
400Amp AC Clamp Meter NCV
logo
Taoglas antenna solutio...
MA410.A.LBIJ.001 TAOGLAS-MA410.A.LBIJ.001 Datasheet
9Mb / 57P
MA410 Storm 4in1 Permanent Mount Antenna
logo
Panasonic Semiconductor
MA4100 PANASONIC-MA4100 Datasheet
107Kb / 7P
Silicon planar type
MA41000H PANASONIC-MA41000H Datasheet
107Kb / 7P
Silicon planar type
MA41000L PANASONIC-MA41000L Datasheet
107Kb / 7P
Silicon planar type
More results


Similar Description - MA41FP3

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177 DIODES-ATS177_10 Datasheet
170Kb / 9P
SINGLE OUTPUT HALL EFFECT LATCH
DS31055 Rev. 6 - 2
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177 MPOWER-MA177 Datasheet
231Kb / 5P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com