Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA477KP4 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA477KP4 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA477KP4
Download  MA477KP4 Download
File Size   125.48 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Phase Hall Effect Fan Driver

MA477KP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA477KP4 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA477KP4
Download  MA477KP4 Click to download

File Size   125.48 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description Single Phase Hall Effect Fan Driver

MA477KP4 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA477KP4 Product details

GENERAL DESCRIPTION
The MA477K is an integrated Hall sensor with H-Bridged output driver designed for
brushless DC motor applications. The device is using HV BCD process includes an on-chip
Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a comparator to
provide switching hysteresis for noise rejection, a bi-directional drivers for sinking and driving
large current load.
Placing the device in a variable magnetic field, if the magnetic flux density is larger than
threshold BOP, the DO is turned to sink and DOB is turned to drive. This output state is held
until the magnetic flux density reverses and falls below BRP, then causes DO to be turned to
drive and DOB turned to sink.

FEATURES
- On-Chip High Sensitivity Hall-effect Sensor
- Operating Voltage: 3.5V to 28V
- H-Bridge Output Drivers for Single Coil
- Built-in Reverse Protection Diode
- Thermal Shutdown Protection
- Low Output Switching Current Noise
- -40°C to 125°C Operating Temperature
- Low Profile SOT23-6F and SIP-4L Packages




Similar Part No. - MA477KP4

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA477 MPOWER-MA477 Datasheet
347Kb / 8P
Single Phase Hall Effect Fan Drive
MA477B MPOWER-MA477B Datasheet
347Kb / 8P
Single Phase Hall Effect Fan Drive
MA477BA MPOWER-MA477BA Datasheet
347Kb / 8P
Single Phase Hall Effect Fan Drive
MA477F MPOWER-MA477F Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA477FP4 MPOWER-MA477FP4 Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
More results


Similar Description - MA477KP4

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7110 MPOWER-MA7110 Datasheet
531Kb / 9P
Single Phase Hall Effect Smart Fan Driver
MA7130 MPOWER-MA7130 Datasheet
203Kb / 8P
Single Phase Hall Effect Fan Driver
MA477M MPOWER-MA477M Datasheet
119Kb / 2P
Single Phase Hall Effect Fan Driver
MA477F MPOWER-MA477F Datasheet
178Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA477L MPOWER-MA477L Datasheet
116Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA477MM MPOWER-MA477MM Datasheet
174Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA479 MPOWER-MA479 Datasheet
120Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
MA480 MPOWER-MA480 Datasheet
125Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.0
MA7131 MPOWER-MA7131 Datasheet
122Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.2
MA7132 MPOWER-MA7132 Datasheet
139Kb / 2P
Single Phase Hall Effect Fan Driver
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com