Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA5608 Datasheet (PDF) - Major-Power Technology Co., LTD.

MA5608 Datasheet PDF - Major-Power Technology Co., LTD.
Part # MA5608
Download  MA5608 Download
File Size   260.75 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 40V5A Synchronous Buck Converter With 2CH CC/CV

MA5608 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA5608 Datasheet PDF - Major-Power Technology Co., LTD.

Part # MA5608
Download  MA5608 Click to download

File Size   260.75 Kbytes
Page   2 Pages
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.
Description 40V5A Synchronous Buck Converter With 2CH CC/CV

MA5608 Datasheet (HTML) - Major-Power Technology Co., LTD.


MA5608 Product details

GENERAL DESCRIPTION
The MA5608 is a monolithic synchronous buck regulator. The device integrates internal high
side and external low side power MOSFETs, and provides 5A of continuous load current over a
wide input voltage. Current mode control provides fast transient response and cycle-by-cycle
current limit.
An internal soft-start prevents inrush current at turn-on, This device available in SOP8L-EP
(Exposed pad) package, provides a very compact solution with minimal external components.

FEATURES
- Wide 8V to 40V Operating Input Range
- Integrated 45mΩ high side Power MOSFET Switches
- Output Adjustable from VFB(1.00V±2%) to 16V
- Up to 95% Efficiency
- Internal Soft-Start and Fixed 160KHz Frequency
- Stable with Low ESR Polymer Al-E-Capacitors
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout




Similar Part No. - MA5608

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ES MPOWER-MA5601ES Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5601ESA MPOWER-MA5601ESA Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5602 MPOWER-MA5602 Datasheet
525Kb / 8P
38V Synchronous Buck Converter
MA5602ES MPOWER-MA5602ES Datasheet
525Kb / 8P
38V Synchronous Buck Converter
More results


Similar Description - MA5608

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5242 AME-AME5242 Datasheet
839Kb / 15P
40V CC/CV Buck Converter
AME5244 AME-AME5244 Datasheet
875Kb / 15P
40V CC/CV Buck Converter
logo
E-CMOS Corporation
EC9302 E-CMOS-EC9302 Datasheet
579Kb / 8P
38V Synchronous Buck Converter With CC/CV
logo
uPI Group Inc.
UP9601 UPI-UP9601 Datasheet
202Kb / 12P
3A , Wide Input Sensorless CC/CV Synchronous-Rectified Buck Converter
logo
Shenzhen Huazhimei Semi...
HM1682 HMSEMI-HM1682 Datasheet
511Kb / 11P
30 V 2.4 A CC/CV Synchronous Buck Converter
HM1684 HMSEMI-HM1684 Datasheet
784Kb / 15P
30 V 3.1 A CC/CV Synchronous Buck Converter
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
40V Synchronous Buck Controller with 2ch CC/CV
MA5624 MPOWER-MA5624 Datasheet
167Kb / 2P
30V Synchronous Buck Converter with 2ch CC/CV
MA5625 MPOWER-MA5625 Datasheet
166Kb / 2P
40V Synchronous Buck Converter with 2ch CC/CV
MA5640 MPOWER-MA5640 Datasheet
220Kb / 2P
40V, 4A Synchronous Buck Converter with CC/CV MODE
Rev1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com