Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI540G Datasheet (PDF) - International Rectifier

IRFI540G Datasheet PDF - International Rectifier
Part # IRFI540G
Download  IRFI540G Download
File Size   184.27 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET

IRFI540G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI540G Datasheet PDF - International Rectifier

Part # IRFI540G
Download  IRFI540G Click to download

File Size   184.27 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET

IRFI540G Datasheet (HTML) - International Rectifier


IRFI540G Product details

DESCRIPTION
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 Fullpak eliminates the need for additional insulating hardware in commercial-industrial applications. The molding compound used provides a high isolation capability and a low thermal resistance between the tab and external heatsink. This isolation is equivalent to using a 100 micron mica barrier with standard TO-220 product. The Fullpak is mounted to a heatsink using a single clip or by a single screw fixing.

• Isolated Package
• High Voltage Isolation=2.5KVRMS
• Sink to Lead Creepage Dist.=4.8mm
• 175 °C Operating Temperature
• Dynamic dV/dt Rating
• Low Thermal Resistance




Similar Part No. - IRFI540G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI540G VISHAY-IRFI540G Datasheet
532Kb / 8P
Power MOSFET
16-Jun-08
logo
Kersemi Electronic Co.,...
IRFI540G KERSEMI-IRFI540G Datasheet
1Mb / 7P
Sink to Lead Creepage Distance = 4.8 mm
logo
Vishay Siliconix
IRFI540G VISHAY-IRFI540G Datasheet
1Mb / 8P
Power MOSFET
19-Jan-09
logo
Inchange Semiconductor ...
IRFI540G ISC-IRFI540G Datasheet
319Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFI540G VISHAY-IRFI540G Datasheet
568Kb / 10P
Power MOSFET
11-Oct-2021
More results


Similar Description - IRFI540G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com