Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD61009 Datasheet (PDF) - Analog Devices

AD61009 Datasheet PDF - Analog Devices
Part # AD61009
Download  AD61009 Download
File Size   261.32 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Mixer 3 V Receiver IF Subsystem

AD61009 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD61009 Datasheet PDF - Analog Devices

Part # AD61009
Download  AD61009 Click to download

File Size   261.32 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Mixer 3 V Receiver IF Subsystem

AD61009 Datasheet (HTML) - Analog Devices


AD61009 Product details

GENERAL DESCRIPTION
The AD61009 is a 3 V low power receiver IF subsystem for operation at input frequencies as high as 500 MHz and IFs from 400 kHz to 12 MHz. It consists of a mixer, IF amplifiers, I and Q demodulators, a phase-locked quadrature oscillator, and a biasing system with external power-down.

FEATURES
   Complete Receiver-on-a-Chip: Monoceiver® Mixer
   –15 dBm 1 dB Compression Point
   –8 dBm Input Third Order Intercept
   500 MHz RF and LO Bandwidths
   Linear IF Amplifier
   Linear-in-dB Gain Control
   Manual Gain Control
   Quadrature Demodulator
   On-Board Phase-Locked Quadrature Oscillator
   Demodulates IFs from 1 MHz to 12 MHz
   Can Also Demodulate AM, CW, SSB
   Low Power
   25 mW at 3 V
   CMOS Compatible Power-Down

APPLICATIONS
   GSM and TETRA Receivers
   Satellite Terminals
   Battery-Powered Communications Receivers




Similar Part No. - AD61009

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
More results


Similar Description - AD61009

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD607 AD-AD607 Datasheet
510Kb / 24P
Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
AD608 AD-AD608 Datasheet
196Kb / 12P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
AD6458 AD-AD6458 Datasheet
268Kb / 12P
GSM 3 V Receiver IF Subsystem
AD6459 AD-AD6459 Datasheet
314Kb / 12P
GSM 3 V Receiver IF Subsystem
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608_15 Datasheet
326Kb / 16P
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD6676 AD-AD6676 Datasheet
2Mb / 90P
Wideband IF Receiver Subsystem
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com