Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

396-005-520-201 Datasheet (PDF) - EDAC, All Rights Reserved.

396-005-520-201 Datasheet PDF - EDAC, All Rights Reserved.
Part # 396-005-520-201
Download  396-005-520-201 Download
File Size   298.87 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description Card Edge Connectors 0.125” (3.175mm) Pitch

396-005-520-201 Datasheet (PDF)

Go To PDF Page Download Datasheet
396-005-520-201 Datasheet PDF - EDAC, All Rights Reserved.

Part # 396-005-520-201
Download  396-005-520-201 Click to download

File Size   298.87 Kbytes
Page   3 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description Card Edge Connectors 0.125” (3.175mm) Pitch

396-005-520-201 Datasheet (HTML) - EDAC, All Rights Reserved.


396-005-520-201 Product details

Features:
• 0.100” (2.54mm) contact spacing x 0.200” (5.08mm) row spacing
• Accepts 0.062” (1.57mm) nominal thickness P.C. board
• High profile insulator body, 0.600” (15.24mm)
• Contact termination options include P.C. tail, wire wrap, 90 degree bends and extender board bends
• Single or dual row configurations
• Large variety of mounting options, flush or offset lugs
• Accepts between contact and in-contact polarizing keys
• Pre-assembled card guides are available
• Automatic wire wrap positioning holes
• RoHS Compliant & UL Certified




Similar Part No. - 396-005-520-201

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
396-005-520-101 EDAC-396-005-520-101 Datasheet
276Kb / 3P
396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
396-005-520-102 EDAC-396-005-520-102 Datasheet
276Kb / 3P
396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
396-005-520-103 EDAC-396-005-520-103 Datasheet
276Kb / 3P
396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
396-005-520-104 EDAC-396-005-520-104 Datasheet
276Kb / 3P
396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
396-005-520-107 EDAC-396-005-520-107 Datasheet
276Kb / 3P
396 Series Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results


Similar Description - 396-005-520-201

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
746-005-525-101 EDAC-746-005-525-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-525-106 EDAC-746-005-525-106 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-540-501 EDAC-746-005-540-501 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-101 EDAC-746-005-541-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-106 EDAC-746-005-541-106 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-541-501 EDAC-746-005-541-501 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-545-101 EDAC-746-005-545-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-005-553-101 EDAC-746-005-553-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-006-520-101 EDAC-746-006-520-101 Datasheet
75Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
746-006-540-101 EDAC-746-006-540-101 Datasheet
76Kb / 1P
746 Series Pressfit Card Edge Connector | Black | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing
AUG 20/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com