Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8340 Datasheet (PDF) - Analog Devices

AD8340 Datasheet PDF - Analog Devices
Part # AD8340
Download  AD8340 Download
File Size   536.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700 MHz to 1000 MHz RF Vector Modulator

AD8340 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8340 Datasheet PDF - Analog Devices

Part # AD8340
Download  AD8340 Click to download

File Size   536.16 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 700 MHz to 1000 MHz RF Vector Modulator

AD8340 Datasheet (HTML) - Analog Devices


AD8340 Product details

GENERAL DESCRIPTION
The AD8340 vector modulator performs arbitrary amplitude and phase modulation of an RF signal. Because the RF signal path is linear, the original modulation is preserved. This part can be used as a general-purpose RF modulator, a variable attenuator/phase shifter, or a remodulator. The amplitude can be controlled from a maximum of −2 dB to less than −32 dB, and the phase can be shifted continuously over the entire 360° range. For maximum gain, the AD8340 delivers an OP1dB of 11 dBm, an OIP3 of 24 dBm, and an output noise floor of −149 dBm/Hz, independent of phase. It operates over a frequency range of 700 MHz to 1.0 GHz.

FEATURES
Cartesian amplitude and phase modulation
700 MHz to 1.0 GHz frequency range
Continuous magnitude control of −2 dB to −32 dB
Continuous phase control of 0° to 360°
Output third-order intercept 24 dBm
Output 1 dB compression point 11 dBm
Output noise floor −149 dBm/Hz at full gain
Adjustable modulation bandwidth up to 230 MHz
Fast output power disable
4.75 V to 5.25 V single-supply voltage

APPLICATIONS
RF PA linearization/RF predistortion
Amplitude and phase modulation
Variable attenuators and phase shifters
CDMA2000, GSM/EDGE linear power amplifiers
Smart antennas




Similar Part No. - AD8340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8340 AD-AD8340 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8340 AD-AD8340 Datasheet
425Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
Rev. C
AD8340-EVALZ AD-AD8340-EVALZ Datasheet
425Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
Rev. C
AD8340ACPZ-REEL7 AD-AD8340ACPZ-REEL7 Datasheet
425Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
Rev. C
More results


Similar Description - AD8340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
Vector Modulator, 925 to 960 MHz
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
700 MHz to 1000 MHz
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
700 MHz to 1000 MHz RF Vector Modulator
REV. C
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com