Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2130D Datasheet (PDF) - International Rectifier

IR2130D Datasheet PDF - International Rectifier
Part # IR2130D
Download  IR2130D Download
File Size   170.13 Kbytes
Page   21 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3-PHASE DRIVER

IR2130D Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2130D Datasheet PDF - International Rectifier

Part # IR2130D
Download  IR2130D Click to download

File Size   170.13 Kbytes
Page   21 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3-PHASE DRIVER

IR2130D Datasheet (HTML) - International Rectifier


IR2130D Product details

DESCRIPION

The IR2130D is a high voltage, high speed power MOSFET and IGBT driver with three independent high and low side referenced output channels. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with 5V CMOS or LSTTL outputs. A ground referenced operational amplifier provides analog feedback of bridge current via an external current sense resistor. A

current trip function which terminates all six outputs is also derived from this resistor.



Features

Hermetic

Floating channel designed for bootstrap operation Fully operational to +400V Tolerant to negative transient voltage dV/dt immune

Gate drive supply range from 10 to 20V

Undervoltage lockout for all channels

Over-current shutdown turns off all six drivers

Independent half-bridge drivers

Matched propagation delay for both channels

Outputs in phase with inputs



 




Similar Part No. - IR2130D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2130D IRF-IR2130D Datasheet
176Kb / 21P
Undervoltage lockout for all channels
IR2130D IRF-IR2130D Datasheet
321Kb / 21P
3-PHASE DRIVER
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
Undervoltage lockout for all channels
IR2130D IRF-IR2130D_15 Datasheet
321Kb / 21P
3-PHASE DRIVER
More results


Similar Description - IR2130D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
logo
Rohm
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
3-phase motor driver
logo
International Rectifier
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
3-PHASE BRIDGE DRIVER
logo
Allegro MicroSystems
A4915METTR-T ALLEGRO-A4915METTR-T Datasheet
378Kb / 17P
3-Phase MOSFET Driver
logo
International Rectifier
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
3-PHASE-BRIDGE DRIVER
IR2130D IRF-IR2130D_15 Datasheet
321Kb / 21P
3-PHASE DRIVER
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
3-PHASE BRIDGE DRIVER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com