Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8023 Datasheet (PDF) - Freescale Semiconductor, Inc

56F8023 Datasheet PDF - Freescale Semiconductor, Inc
Part # 56F8023
Download  56F8023 Download
File Size   207.67 Kbytes
Page   4 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Digital Signal Controller

56F8023 Datasheet (PDF)

Go To PDF Page Download Datasheet
56F8023 Datasheet PDF - Freescale Semiconductor, Inc

Part # 56F8023
Download  56F8023 Click to download

File Size   207.67 Kbytes
Page   4 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Digital Signal Controller

56F8023 Datasheet (HTML) - Freescale Semiconductor, Inc


56F8023 Product details

56F8033/56F8023 Description

The 56F8033/56F8023 is a member of the 56800E core-based family of Digital Signal Controllers (DSCs). It combines, on a single chip, the processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and compact program code, the 56F8033/56F8023 is well-suited for many applications. The 56F8033/56F8023 includes many peripherals that are especially useful for industrial control, motion control, home appliances, general-purpose inverters, smart sensors, fire and security systems, switched-mode power supply, power management, and medical monitoring applications.

The 56800E core is based on a dual Harvard-style architecture consisting of three execution units operating in parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and optimized instruction set allow straightforward generation of efficient, compact DSP and control code. The instruction set is also highly efficient for C compilers to enable rapid development of optimized control applications.



56F8033/56F8023 General Description

• Up to 32 MIPS at 32MHz core frequency

• DSP and MCU functionality in a unified, C-efficient architecture

• 56F8033 offers 64KB (32K x 16) Program Flash

• 56F8023 offers 32KB (16K x 16) Program Flash

• 56F8033 offers 8KB (4K x 16) Unified Data/Program RAM

• 56F8023 offers 4KB (2K x 16) Unified Data/Program RAM

• One 6-channel PWM module

• Two 3-channel 12-bit Analog-to-Digital Converters (ADCs)

• Two Internal 12-bit Digital-to-Analog Converters (DACs)

• Two Analog Comparators

• One Programmable Interval Timer (PIT)

• One Queued Serial Communication Interface (QSCI) with LIN slave functionality

• One Queued Serial Peripheral Interfaces (QSPI)

• One 16-bit Quad Timer

• One Inter-Integrated Circuit (I2C) port

• Computer Operating Properly (COP)/Watchdog

• On-Chip Relaxation Oscillator

• Integrated Power-On Reset (POR) and Low-Voltage Interrupt (LVI) Module

• JTAG/Enhanced On-Chip Emulation (OnCE™) for unobtrusive, real-time debugging

• Up to 26 GPIO lines

• 32-pin LQFP Package



56F8033/56F8023 Features

Digital Signal Controller Core

• Efficient 16-bit 56800E family Digital Signal Controller (DSC) engine with dual Harvard architecture

• As many as 32 Million Instructions Per Second (MIPS) at 32MHz core frequency

• Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)

• Four 36-bit accumulators, including extension bits

• 32-bit arithmetic and logic multi-bit shifter

• Parallel instruction set with unique DSP addressing modes

• Hardware DO and REP loops

• Three internal address buses

• Four internal data buses

• Instruction set supports both DSP and controller functions

• Controller-style addressing modes and instructions for compact code

• Efficient C compiler and local variable support

• Software subroutine and interrupt stack with depth limited only by memory

• JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent, real-time debugging



Memory

• Dual Harvard architecture permits as many as three simultaneous accesses to program and data memory

• Flash security and protection that prevent unauthorized users from gaining access to the internal Flash

• On-chip memory— Master and slave modes

— Four-words-deep FIFOs available on both transmitter and receiver

— Programmable Length Transactions (2 to 16 bits)

• One Inter-Integrated Circuit (I2C) port

— Operates up to 400kbps

— Supports both master and slave operation

— Supports both 10-bit address mode and broadcasting mode

• One 16-bit Programmable Interval Timer (PIT)

• Two analog Comparators (CMPs)

— Selectable input source includes external pins, DACs

— Programmable output polarity

— Output can drive Timer input, PWM fault input, PWM source, external pin output and trigger ADCs

— Output falling and rising edge detection able to generate interrupts

• Computer Operating Properly (COP)/Watchdog timer capable of selecting different clock sources

• Up to 26 General-Purpose I/O (GPIO) pins with 5V tolerance

• Integrated Power-On Reset and Low-Voltage Interrupt Module

• Phase Lock Loop (PLL) provides a high-speed clock to the core and peripherals

• Clock sources:

— On-chip relaxation oscillator

— External clock: Crystal oscillator, ceramic resonator, and external clock source

• JTAG/EOnCE debug programming interface for real-time debugging

1.1.5 Energy Information

• Fabricated in high-density CMOS with 5V tolerance

• On-chip regulators for digital and analog circuitry to lower cost and reduce noise

• Wait and Stop modes available

• ADC smart power management

• Each peripheral can be individually disabled to save power



   — 64KB of Program Flash (56F80233 device)

     32KB of Program Flash (56F8023 device)

   — 8KB of Unified Data/Program RAM (56F8033 device)

     4KB of Unified Data/Program RAM (56F8023 device)

• EEPROM emulation capability using Flash



Peripheral Circuits for 56F8033/56F8023

• One multi-function six-output Pulse Width Modulator (PWM) module

   — Up to 96MHz PWM operating clock

   — 15 bits of resolution

   — Center-aligned and edge-aligned PWM signal mode

   — Four programmable fault inputs with programmable digital filter

   — Double-buffered PWM registers

   — Each complementary PWM signal pair allows selection of a PWM supply source from:

   – PWM generator

   – External GPIO

   – Internal timers

   – Analog comparator outputs

   – ADC conversion result which compares with values of ADC high- and low-limit registers to set PWM output

• Two independent 12-bit Analog-to-Digital Converters (ADCs)

   — 2 x 3 channel inputs

   — Supports both simultaneous and sequential conversions

   — ADC conversions can be synchronized by both PWM and timer modules

   — Sampling rate up to 2.67MSPS

   — 16-word result buffer registers

• Two internal 12-bit Digital-to-Analog Converters (DACs)

   — 2 μs settling time when output swing from rail to rail

   — Automatic waveform generation generates square, triangle and sawtooth waveforms with programmable period, update rate, and range

• One 16-bit multi-purpose Quad Timer module (TMR)

   — Up to 96MHz operating clock

   — Eight independent 16-bit counter/timers with cascading capability

   — Each timer has capture and compare capability

   — Up to 12 operating modes

• One Queued Serial Communication Interface (QSCI) with LIN Slave functionality

   — Full-duplex or single-wire operation

   — Two receiver wake-up methods:

   – Idle line

   – Address mark

   — Four-bytes-deep FIFOs are available on both transmitter and receiver

• One Queued Serial Peripheral Interfaces (QSPI)

   — Full-duplex operation

   — Master and slave modes

   — Four-words-deep FIFOs available on both transmitter and receiver

   — Programmable Length Transactions (2 to 16 bits)

• One Inter-Integrated Circuit (I2C) port

   — Operates up to 400kbps

   — Supports both master and slave operation

   — Supports both 10-bit address mode and broadcasting mode

• One 16-bit Programmable Interval Timer (PIT)

• Two analog Comparators (CMPs)

   — Selectable input source includes external pins, DACs

   — Programmable output polarity

   — Output can drive Timer input, PWM fault input, PWM source, external pin output and trigger ADCs

   — Output falling and rising edge detection able to generate interrupts

• Computer Operating Properly (COP)/Watchdog timer capable of selecting different clock sources

• Up to 26 General-Purpose I/O (GPIO) pins with 5V tolerance

• Integrated Power-On Reset and Low-Voltage Interrupt Module

• Phase Lock Loop (PLL) provides a high-speed clock to the core and peripherals

• Clock sources:

   — On-chip relaxation oscillator

   — External clock: Crystal oscillator, ceramic resonator, and external clock source

• JTAG/EOnCE debug programming interface for real-time debugging



Energy Information

• Fabricated in high-density CMOS with 5V tolerance

• On-chip regulators for digital and analog circuitry to lower cost and reduce noise

• Wait and Stop modes available

• ADC smart power management

• Each peripheral can be individually disabled to save power



 




Similar Part No. - 56F8023

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8023 FREESCALE-56F8023 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023 Datasheet
2Mb / 157P
16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8023 NXP-56F8023 Datasheet
2Mb / 157P
16-bit Digital Signal Controllers
logo
Freescale Semiconductor...
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
More results


Similar Description - 56F8023

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
Digital Signal Controller Product Brief
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 100P
Digital Signal Controller
logo
Texas Instruments
SM320F28335-HT TI-SM320F28335-HT Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
Digital Signal Controller (DSC)
logo
Freescale Semiconductor...
PC56F8006VWL FREESCALE-PC56F8006VWL Datasheet
1Mb / 106P
Digital Signal Controller
logo
Texas Instruments
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com