Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1084V-L Datasheet (PDF) - Sipex Corporation

SP1084V-L Datasheet PDF - Sipex Corporation
Part # SP1084V-L
Download  SP1084V-L Download
File Size   468.98 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5A Low Dropout Linear Regulator

SP1084V-L Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1084V-L Datasheet PDF - Sipex Corporation

Part # SP1084V-L
Download  SP1084V-L Click to download

File Size   468.98 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5A Low Dropout Linear Regulator

SP1084V-L Datasheet (HTML) - Sipex Corporation


SP1084V-L Product details

general Description
The SP1084 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 5A of load current.
The series features on-chip thermal limiting which provides protection against any combination of overload and ambient temperatures that would create excessive junction temperatures. It also includes a trimmed band-gap reference and a current limiting circuit.
The SP1084 is available in 1.5V, 1.8V, 2.5V, 2.85V, 3.3V and 5.0V versions. The fixed versions integrate the adjustment resistors. It is also available in an adjustable versio n which can set the output voltage with two external resis tors.
The SP1084 series is available in standard packages of TO-263-3, TO-220 and TO-252.

features
• Low Dropout Voltage: 1.3V Typically at 5A
• Current Limiting and Thermal Protection
• Output Current: 5A
• Current Limit: 6.5A
• Operating Junction Temperature Range:0 to 125oC
• Line Regulation: 0.015% (Typical)
• Load Regulation: 0.2% (Typical)
• Available in RoHS Compliant, Lead Free Packaging

Applications
• High Efficiency Linear Regulators
• Battery Chargers
• Post Regulation for Switching Supply
• Microprocessor Supply
• Desktop PCs, RISC and Embedded Processors Supply 




Similar Part No. - SP1084V-L

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SP1080 SHUNYE-SP1080 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Gaomi Xinghe Electronic...
SP1080L GXELECTRONICS-SP1080L Datasheet
572Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Huixin Electr...
SP1080L HUIXIN-SP1080L Datasheet
98Kb / 2P
10.0Amp Surface Mounted Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SP1080L SHUNYE-SP1080L Datasheet
1Mb / 3P
LOW VF SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
3A Low Dropout Linear Regulator
More results


Similar Description - SP1084V-L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
5A Low-Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com