Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS32390 Datasheet (PDF) - Renesas Technology Corp

QS32390 Datasheet PDF - Renesas Technology Corp
Part # QS32390
Download  QS32390 Download
File Size   256.7 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER

QS32390 Datasheet (PDF)

Go To PDF Page Download Datasheet
QS32390 Datasheet PDF - Renesas Technology Corp

Part # QS32390
Download  QS32390 Click to download

File Size   256.7 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER

QS32390 Datasheet (HTML) - Renesas Technology Corp


QS32390 Product details

FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• 16:8 multiplexer function with zero delay
• 5Ω bidirectional switches connect inputs to outputs
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• Direct bidirectional connection for mux, demux
• 25Ω resistors for low noise
• Available in QSOP package
APPLICATIONS:
• Video, audio, graphics switching, muxing
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)




Similar Part No. - QS32390

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Integrated Device Techn...
QS32390QG IDT-QS32390QG Datasheet
221Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16 8 MULTIPLEXER
QS32390QG IDT-QS32390QG Datasheet
221Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
QS32390QG8 IDT-QS32390QG8 Datasheet
221Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
More results


Similar Description - QS32390

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3390 IDT-IDTQS3390 Datasheet
42Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS32390 IDT-IDTQS32390 Datasheet
45Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
logo
List of Unclassifed Man...
QS32390 ETC1-QS32390 Datasheet
530Kb / 6P
High-Speed CMOS QuickSwitch 16:8 Multiplexer
logo
Integrated Device Techn...
QS32390QG IDT-QS32390QG Datasheet
221Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16 8 MULTIPLEXER
IDTQS3390 IDT-IDTQS3390_14 Datasheet
82Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS32390 IDT-IDTQS32390_11 Datasheet
221Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
logo
Renesas Technology Corp
IDTQS3390 RENESAS-IDTQS3390 Datasheet
250Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
OCTOBER 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com