Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QS5917T Datasheet (PDF) - Renesas Technology Corp

QS5917T Datasheet PDF - Renesas Technology Corp
Part # QS5917T
Download  QS5917T Download
File Size   241.66 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER

QS5917T Datasheet (PDF)

Go To PDF Page Download Datasheet
QS5917T Datasheet PDF - Renesas Technology Corp

Part # QS5917T
Download  QS5917T Click to download

File Size   241.66 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER

QS5917T Datasheet (HTML) - Renesas Technology Corp


QS5917T Product details

FEATURES:
• 5V operation
• 2xQ output, Q/2 output, Q output
• Outputs tri-state while RST low
• Internal loop filter RC network
• Low noise TTL level outputs
• < 500ps output skew, Q0-Q4
• PLL disable feature for low frequency testing
• Balanced Drive Outputs ± 24mA
• 132MHz maximum frequency (2xQ output)
• Functional equivalent to Motorola MC88915
• ESD > 2000V
• Latch-up > –300mA
• Available in QSOP and PLCC packages
• Not Recommended for New Design




Similar Part No. - QS5917T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T-100TJ IDT-QS5917T-100TJ Datasheet
62Kb / 7P
LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T-100TQ IDT-QS5917T-100TQ Datasheet
62Kb / 7P
LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T-132TJ IDT-QS5917T-132TJ Datasheet
62Kb / 7P
LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T-132TQ IDT-QS5917T-132TQ Datasheet
62Kb / 7P
LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
More results


Similar Description - QS5917T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
Low Skew CMOS PLL Clock Driver
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
LOW SKEW CMOS PLL CLOCK DRIVER
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV919 IDT-QS5LV919 Datasheet
98Kb / 12P
3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5930T IDT-QS5930T Datasheet
57Kb / 6P
LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5917T IDT-QS5917T Datasheet
62Kb / 7P
LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
QS5919T IDT-QS5919T Datasheet
129Kb / 9P
LOW SKEW TTL PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
Low Skew CMOS PLL Clock Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com