Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46880V Datasheet (PDF) - Renesas Technology Corp

SLG46880V Datasheet PDF - Renesas Technology Corp
Part # SLG46880V
Download  SLG46880V Download
File Size   5067.67 Kbytes
Page   354 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply

SLG46880V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46880V Datasheet PDF - Renesas Technology Corp

Part # SLG46880V
Download  SLG46880V Click to download

File Size   5067.67 Kbytes
Page   354 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply

SLG46880V Datasheet (HTML) - Renesas Technology Corp


SLG46880V Product details

Key Features
 Two High Speed General Purpose Rail-to-Rail Analog
Comparators (ACMPxH)
 Two Low Power General Purpose Rail-to-Rail Analog
Comparators (ACMPxL)
 Two Voltage References
 Two Vref Outputs
 Twelve Combination Function Macrocells
 One Selectable DFF/LATCH or 2-bit LUT
 Four Selectable DFF/LATCHES or 3-bit LUTs
 One Selectable Pipe Delay or Ripple Counter, or 3-bit
LUT
 One Selectable Programmable Pattern Generator or
2-bit LUT
 Four Selectable 8-bit CNT/DLYs or 3-bit LUTs
 One Selectable 16-bit CNT/DLY or 4-bit LUT
 Asynchronous State Machine
 Twelve States
 Four Dynamic Memory Macrocells
 f(1) Computation Macrocell with Dedicated ACMP
 Serial Communications
 I2C Protocol Interface
 Programmable Delay with Edge Detector Output
 Deglitch Filter or Edge Detector
 Three Oscillators
 2.048 kHz Oscillator
 2.048 MHz Oscillator
 25 MHz Oscillator
 Crystal Oscillator
 Analog Temperature Sensor
 Power-On Reset
 Wide Range Power Supply
 2.5 V (±8 %) to 5 V (±10 %) VDD
 2.5 V (±8 %) to 5 V (±10 %) VDD2 (VDD2 ≤ VDD) for
SLG46880
 1 V (±5 %) to 1.8 V (±10%) VDD2 for SLG46881
 Operating Temperature Range: -40 °C to 85 °C
 RoHS Compliant/Halogen-Free
 32-pin STQFN: 4 mm x 4 mm x 0.55 mm, 0.4 mm pitch

Applications
 Personal Computers and Servers
 PC Peripherals
 Consumer Electronics
 Data Communications Equipment
 Handheld and Portable Electronics
 Smartphones and Fitness Bands
 Notebook and Tablet PCs




Similar Part No. - SLG46880V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46880V DIALOG-SLG46880V Datasheet
4Mb / 353P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46880VTR DIALOG-SLG46880VTR Datasheet
4Mb / 353P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
More results


Similar Description - SLG46880V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com