Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG47115 Datasheet (PDF) - Renesas Technology Corp

SLG47115 Datasheet PDF - Renesas Technology Corp
Part # SLG47115
Download  SLG47115 Download
File Size   4102.79 Kbytes
Page   256 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features

SLG47115 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG47115 Datasheet PDF - Renesas Technology Corp

Part # SLG47115
Download  SLG47115 Click to download

File Size   4102.79 Kbytes
Page   256 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features

SLG47115 Datasheet (HTML) - Renesas Technology Corp


SLG47115 Product details

Features
▪ Two Power Supply Inputs:
• 2.5 V (±8 %) to 5.0 V (±10 %) VDD
• 5.0 V (±10 %) to 24.0 V (±10 %) VDD2
▪ Two High Voltage High Current Drive GPOs
• Full Bridge Driver Option
• Dual/Single Half Bridge Driver Option
• Slew Rate Modes:
◦ Motor Driver Mode
◦ Pre-Driver (MOSFET Driver) Mode
• High Drive GPOs with Sleep Function
• Low RDS(ON) High-side + Low-side resistance = 0.5
W typical
• 3 A Peak, 1.5 A RMS per Full Bridge[1]
• Current up to 3 A Peak, 1.5 A RMS per GPO/Half
Bridge and up to 6 A Peak, 3 A RMS for two HV
GPOs Connected in Parallel[1]
• Integrated Over Current/Short
Circuit/Undervoltage-Lockout Protections
• SENSE Input that is connected to the Current
Comparator for Current Control
• Fault Signal Indicator (OCP/UVLO/TSD/)
▪ Differential Amplifier with Integrator and Comparator
for Motor Speed Control Function
▪ Current Sense Comparator with Dynamical Vref Mode
▪ Two High-Speed General Purpose ACMPs
• Modes: UVLO, OCP, TSD, Voltage Monitor,
Current Monitor
▪ One Voltage Reference (Vref) Output
▪ Five Multi-Function Macrocells




Similar Part No. - SLG47115

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG47115 RENESAS-SLG47115 Datasheet
2Mb / 255P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Sep 16, 2024
SLG47115-EV RENESAS-SLG47115-EV Datasheet
2Mb / 257P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features and Extended Temperature Range
Sep 16, 2024
SLG47115VTR RENESAS-SLG47115VTR Datasheet
2Mb / 255P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Sep 16, 2024
SLG47115 RENESAS-SLG47115_V01 Datasheet
2Mb / 255P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
Sep 16, 2024
More results


Similar Description - SLG47115

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
GreenPAK Programmable Mixed-Signal Matrix
SLG47105 DIALOG-SLG47105 Datasheet
3Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
SLG47105 RENESAS-SLG47105 Datasheet
4Mb / 253P
GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
1-Mar-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com