Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG88103V Datasheet (PDF) - Renesas Technology Corp

SLG88103V Datasheet PDF - Renesas Technology Corp
Part # SLG88103V
Download  SLG88103V Download
File Size   3775.58 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Rail to Rail I/O 375 nA/Amp Dual/Quad CMOS Op Amps with Power Down

SLG88103V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG88103V Datasheet PDF - Renesas Technology Corp

Part # SLG88103V
Download  SLG88103V Click to download

File Size   3775.58 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Rail to Rail I/O 375 nA/Amp Dual/Quad CMOS Op Amps with Power Down

SLG88103V Datasheet (HTML) - Renesas Technology Corp


SLG88103V Product details

General Description
The SLG88103/4 is a wide voltage range, 375 nA Dual/Quad
Channel CMOS Input Operational Amplifier capable of
rail-to-rail input and output operation. Each Amplifier can be
individually powered down.
Features
• Low Quiescent Current: 375 nA per Amplifier (typ)
• Low Offset Voltage: ±200 μV (typ)
• Zero-Crossover
• Low Offset Drift: 1 μV/˚C (typ)
• DC Precision:
• PSRR: 115 dB
• CMRR: 100 dB
• AOL: 120 dB
• Gain-Bandwidth Product: 10 kHz (typ)
• Rail to Rail Input/Output
• Supply Voltage: 1.71 V to 5.5 V
• Tiny Package:
• 10-pin 2 x 2 mm STDFN
• 20-pin 2 x 3.5 mm STQFN
• Industrial Temperature Range: -40 ˚C to 85 ˚C
Typical Applications
• Battery-Powered Devices
• Portable Devices
• Wearable Products
• Gas Sensors
• Pressure Sensors
• Medical Monitors
• Smoke Detectors
• Active RFID Reader
• Energy Harvester




Similar Part No. - SLG88103V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG88103 DIALOG-SLG88103 Datasheet
3Mb / 22P
Rail to Rail I/O 375 nA/Amp
More results


Similar Description - SLG88103V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
Rail-to-Rail I/O OP Amp
logo
Maxwell Technologies
6484RPFK MAXWELL-6484RPFK Datasheet
81Kb / 7P
CMOS Quad Rail-to-Rail I/O Op Amp
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
Dialog Semiconductor
SLG88103 DIALOG-SLG88103 Datasheet
3Mb / 22P
Rail to Rail I/O 375 nA/Amp
logo
Unisonic Technologies
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
ULV8542 UTC-ULV8542 Datasheet
204Kb / 5P
RAIL-TO-RAIL I/O CMOS DUAL AMPS
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com