Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTE32882KB1 Datasheet (PDF) - Renesas Technology Corp

SSTE32882KB1 Datasheet PDF - Renesas Technology Corp
Part # SSTE32882KB1
Download  SSTE32882KB1 Download
File Size   1550.72 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.25V/1.35V/1.5V REGISTERING CLOCK DRIVER WITH PARITY TEST AND QUAD CHIP SELECT

SSTE32882KB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSTE32882KB1 Datasheet PDF - Renesas Technology Corp

Part # SSTE32882KB1
Download  SSTE32882KB1 Click to download

File Size   1550.72 Kbytes
Page   76 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.25V/1.35V/1.5V REGISTERING CLOCK DRIVER WITH PARITY TEST AND QUAD CHIP SELECT

SSTE32882KB1 Datasheet (HTML) - Renesas Technology Corp


SSTE32882KB1 Product details

Features
• Pinout optimizes DDR3 RDIMM PCB layout
• DDR3-800/1066/1333/1600/1866/2133 rate
• 1-to-2 Register Outputs and 1-to-4 Clock Pair Outputs support stacked DDR3 RDIMMs
• Phase Lock Loop clock driver for buffering one differential clock pair (CK and CK) and distributing to four differential outputs
• Supports LVCMOS switching levels on the RESET and MIRROR inputs
• Checks priority on DIMM-independent data inputs
• Supports dynamic 1T/3T timing transaction and output inversion feature for improved timing performance during normal operations
and MRS command pass-through
• Supports CKE Power Down operation modes
• Supports Quad Chip Select operation features
• RESET input disables differential input recievers, resets all registers, and disables all output drivers except ERROUT and QnCKEn
• Provides access to internal control words for configuring the device features and adapting in different RDIMM and system
applications
• Latch-up performance exceeds 100mA
• ESD > 2000V per MIL-STD883, Method 3015; ESD > 200V using machine model (c = 200pF, R = 0)
• Available in 176 Ball Grid Array package




Similar Part No. - SSTE32882KB1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SSTE32882KB1 IDT-SSTE32882KB1 Datasheet
1Mb / 75P
Pinout optimizes DDR3 RDIMM PCB layout
More results


Similar Description - SSTE32882KB1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
QUAD AND OR SELECT GATE
logo
ON Semiconductor
NB100LVEP224 ONSEMI-NB100LVEP224 Datasheet
96Kb / 10P
2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
June, 2003 - Rev. 4
logo
Texas Instruments
SN74SSTE32882 TI-SN74SSTE32882 Datasheet
274Kb / 7P
28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver
logo
ON Semiconductor
NB100LVEP224 ONSEMI-NB100LVEP224_06 Datasheet
165Kb / 10P
2.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable
November, 2006 ??Rev. 7
logo
Integrated Device Techn...
IDT74SSTUA32866 IDT-IDT74SSTUA32866 Datasheet
258Kb / 19P
1.8V CONFIGURABLE BUFFER WITH ADDRESS-PARITY TEST
logo
Texas Instruments
SN74SSQE32882 TI-SN74SSQE32882_10 Datasheet
433Kb / 10P
28-BIT RIGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSTEB32866 TI1-SN74SSTEB32866 Datasheet
1Mb / 37P
1.5V/1.8V 25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
logo
Integrated Device Techn...
IDTSSTE32882HLBAKG IDT-IDTSSTE32882HLBAKG Datasheet
1Mb / 73P
1.35V/1.5V REGISTERING CLOCK DRIVER WITH PARITY TEST AND QUAD CHIP SELECT
logo
Dialog Semiconductor
SLG7NT4779 DIALOG-SLG7NT4779 Datasheet
441Kb / 7P
Clock Divider and Chip Select Extender
logo
Renesas Technology Corp
SLG7NT4779V RENESAS-SLG7NT4779V Datasheet
349Kb / 7P
Clock Divider and Chip Select Extender
February 25, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com