Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3000B3ANRG8 Datasheet (PDF) - Renesas Technology Corp

TS3000B3ANRG8 Datasheet PDF - Renesas Technology Corp
Part # TS3000B3ANRG8
Download  TS3000B3ANRG8 Download
File Size   688.73 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Local Temperature Sensor

TS3000B3ANRG8 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3000B3ANRG8 Datasheet PDF - Renesas Technology Corp

Part # TS3000B3ANRG8
Download  TS3000B3ANRG8 Click to download

File Size   688.73 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Local Temperature Sensor

TS3000B3ANRG8 Datasheet (HTML) - Renesas Technology Corp


TS3000B3ANRG8 Product details

Features
• Temperature Sensor
• Single Supply: 3V to 3.6V
• Accurate timeout support
- Meets strict SMBus spec of 25ms (min) 35ms (max)
• Timeout supported in all Modes
– Active mode
– Shutdown mode
• Schmitt trigger and noise filtering on bus inputs
• 2-wire Serial Interface: 10-400 kHz I2C™ /SMBus™
• Available Packages: DFN-8, TDFN-8
Temperature Sensor Features
• Temperature Converted to Digital Data
• Sampling Rate of 100ms (max)
• Selectable 0, 1.5°C, 3°C, 6°C Hysteresis
• Programmable Resolution from 0.0625°C to 0.5°C
• Accuracy:
– ±0.5°C/±1°C (typ./max.) from -20°C to +125°C
Typical Applications
• DIMM Modules (DDR2, DDR3), SSD Boards
• Servers, Laptops, Ultra-portables, PC Boards
• High end audio / video equipment
• Portable devices
• Hard Disk Drives and Other PC Peripherals




Similar Part No. - TS3000B3ANRG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
logo
Renesas Technology Corp
TS3000GB0A0 RENESAS-TS3000GB0A0 Datasheet
884Kb / 26P
1.8V Local Temperature Sensor
November 4, 2014
TS3000GB0A0NCG8 RENESAS-TS3000GB0A0NCG8 Datasheet
884Kb / 26P
1.8V Local Temperature Sensor
November 4, 2014
More results


Similar Description - TS3000B3ANRG8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
STMicroelectronics
STTS751 STMICROELECTRONICS-STTS751 Datasheet
582Kb / 36P
2.25 V low-voltage local digital temperature sensor
20-Jul-2010
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
logo
Global Mixed-mode Techn...
G7811 GMT-G7811 Datasheet
41Kb / 1P
짹3C Local Temperature Sensor with SMBus Serial
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Renesas Technology Corp
TS3000GB0A0 RENESAS-TS3000GB0A0 Datasheet
884Kb / 26P
1.8V Local Temperature Sensor
November 4, 2014
TS3001GB2A0 RENESAS-TS3001GB2A0 Datasheet
704Kb / 24P
Local Temperature Sensor
April 06, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com